Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 81Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 82Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
79
•
DCU_HSYNC causes the panel to start a new line. It always encompasses at least one PCLK pulse.
•
DCU_VSYNC causes the panel to start a new frame. It always encompasses at least one HSYNC pulse.
•
DCU_DE acts like an output enable signal to the LCD panel. This output enables the data to be shifted onto the display.
When disabled, the data is invalid and the trace is off.
Figure 26. TFT LCD InterfaceTiming Overview1
3.16.3.1
Interface to TFT LCD Panels—Pixel Level Timings
Figure 27 depicts the horizontal timing (timing of one line), including both the horizontal sync pulse and data. All parameters
shown in the diagram are programmable. This timing diagram corresponds to positive polarity of the DCU_CLK signal
(meaning the data and sync signals change on the rising edge) and active-high polarity of the DCU_HSYNC, DCU_VSYNC
and DCU_DE signals. The user can select the polarity of the DCU_HSYNC and DCU_VSYNC signals via the SYN_POL
register, whether active-high or active-low. The default is active-high. The DCU_DE signal is always active-high.
Pixel clock inversion and a flexible programmable pixel clock delay are also supported. They are programmed via the DCU
Clock Confide Register (DCCR) in the system clock module.
The DELTA_X and DELTA_Y parameters are programmed via the DISP_SIZE register. The PW_H, BP_H and FP_H
parameters are programmed via the HSYN PARA register. The PW_V, BP_V and FP_V parameters are programmed via the
VSYN_PARA register.
1. In Figure 26, the “DCU_LD[23:0]” signal is an aggregation of the DCU’s RGB signals—DCU_R[0:7], DCU_G[0:7] and
DCU_B[0:7].
Table 37. LCD Interface Timing Parameters—Horizontal and Vertical
Num
Symbol
Characteristic
Value
Unit
1tPCP
CC1
Display pixel clock period
31.25
ns
2tPWH
CC1
HSYNC pulse width
PW_H * tPCP
ns
3tBPH
CC1
HSYNC back porch width
BP_H * tPCP
ns
4tFPH
CC1
HSYNC front porch width
FP_H * tPCP
ns
5tSW
CC1
Screen width
DELTA_X * tPCP
ns
LINE 1
LINE 2
LINE 3
LINE 4
LINE n-1
LINE n
DCU_VSYNC
DCU_HSYNC
DCU_HSYNC
DCU_DE
DCU_CLK
DCU_LD[23:0]
2
1
3
m-1
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com