Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 43Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
47
3.3
EMI (Electromagnetic Interference) Characteristics
3.4
Power Management
3.4.1
Voltage Regulator Electrical Characteristics
The internal voltage regulator requires an external NPN (BCP56 or BCP68) ballast to be connected as shown in Figure 5 as well
as an external capacitance (CREG) to be connected to the device in order to provide a stable low voltage digital supply to the
device. Capacitances should be placed on the board as near as possible to the associated pins. Care should also be taken to limit
the serial inductance of the board to less than 15 nH.
For the MPC5606S microcontroller , 10 µF should be placed between each of the three VDD12/VSS12 supply pairs and also
between the VDDPLL/VSSPLL pair. Additionally, 200 μF should be placed between the VDDR pin and the adjacent VSS pin.
VDDR = 3.0 V to 3.6 V / 4.5 V to 5.5 V, TA = -40 to 105 °C, unless otherwise specified.
Figure 5. External NPN Ballast Connections
Table 13. EMI Testing Specifications1
1 EMI testing and I/O port waveforms per SAE J1752/3 issued 1995-03.
Symbol
Parameter
Value
Unit
min
typ
max
—
SR
Scan Range
TBD
TBD
TBD
MHz
—
SR
Operating Frequency
TBD
TBD
TBD
MHz
—
SR
VDD12, VDDPLL Operating Voltages
TBD
TBD
TBD
V
—
SR
VDD, VDDA Operating Voltages
TBD
TBD
TBD
V
—
SR
Maximum Amplitude
TBD
TBD
TBD
dBuV
—
SR
Operating Temperature
TBD
TBD
TBD
oC
VRC_CTRL
VDDR
VDD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com