Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 44Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 45Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 46Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 47Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 48Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 49Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
48
3.4.2
Voltage monitor electrical characteristics
The device implements a Power On Reset module to ensure correct power-up initialization, as well as four low voltage detectors
to monitor the VDD and the VDD12 voltage while device is supplied:
•
POR monitors VDD during the power-up phase to ensure device is maintained in a safe reset state
•
LVDHV3 monitors VDD to ensure device reset below minimum functional supply
•
LVDHV5 monitors VDD when application uses device in the 5.0V ± 10% range
•
LVDLVCOR monitors power domain No. 1
•
LVDLVBKP monitors power domain No. 0
Table 14. Voltage Regulator Electrical Characteristics1
1 All values in this table are PRELIMINARY.
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1VDDR
SR Power supply
3.0
5.5
V
2TJ
SR Junction temperature
-40
150
°C
3IREG
CC Current consumption
Reference included,
@ 55 °C No load
@ Full load
—
2
11
mA
4IL
CC Output current capacity
DC load current
—
200
mA
5VDD12
CC Output voltage (value @ IL = 0 @ 27°C)
Pre-trimming sigma
< 7 mV
—
1.330
V
Post-trimming
1.270
1.280
Output voltage (value @ IL = Imax)
Post-trimming
1.145
—
6
SR External decoupling/stability capacitor
4 capacitances of
10 µF each
10 * 4
µF
ESR of external cap
0.05
0.2
ohm
1 bond wire R + 1
pad R
0.2
1
ohm
7LBOND
CC Bonding Inductance for Bipolar Base Control pad
0
15
nH
8
CC Power supply rejection
@ DC @ no load
Cload = 10 µF * 4
—
-30
dB
@ 200 kHz @ no load
-100
@ DC @ 400 mA
-30
@ 200 kHz @ 400 mA
-30
9
CC
Load current transient
Cload = 10 µF * 4
—
10% to 90%
of IL (max) in
100 ns
10
tSU
CC
Start-up time after input supply stabilizes2
2 Time after the input supply to the voltage regulator has ramped up (VDDR) and the voltage regulator has asserted
the Power OK signal.
Cload = 10 µF * 4
—
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com