Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 77Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 78Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 79Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 80Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
Electrical Characteristics
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
77
3.16.2
Nexus Debug Interface
Figure 22. Nexus Clock Timing
Figure 23. Nexus Output Timing
Table 36. Nexus Debug Port Timing1
1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is
measured from 50% of MCKO and 50% of the respective signal. Nexus timing specified at VDD = 3.0 V to 5.5V, TA
= -40 to 105 °C, and CL = 50 pF (Cl=30 pF on MCKO), with SRC = 0b11.
Num
Symbol
Characteristic
Min
Max
Unit
1tMCYC
CC2
2 Parameter values guaranteed by design.
MCKO Cycle Time
22
—
ns
2tMDC
CC2
MCKO Duty Cycle
40
60
%
3tMDOV
CC2
MCKO Low to MDO Data Valid3
3 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
–2
14
ns
4tMSEOV
CC2
MCKO Low to MSEO Data Valid3
–2
14
ns
5tEVTOV
CC2
MCKO Low to EVTO Data Valid3
–2
14
ns
6tEVTIPW
CC2
EVTI Pulse Width
4
—
tTCYC
7tEVTOPW
CC2
EVTO Pulse Width
1
—
tMCYC
8tTCYC
CC2
TCK Cycle Time4
4 The system clock frequency needs to be three times faster that the TCK frequency.
100
—
ns
9tTDC
CC2
TCK Duty Cycle
40
60
%
10
tNTDIS, tNTMSS
CC2
TDI, TMS Data Setup Time
25
—
ns
11
tNTDIH, tNTMSH
CC2
TDI, TMS Data Hold Time
5
—
ns
12
tJOV
CC2
TCK Low to TDO Data Valid
0
35
ns
1
2
4
5
MCKO
MDO
MSEO
EVTO
Output Data Valid
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com