Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 33Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 34Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 35Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 39Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 40Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
Pinout and Signal Descriptions
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
37
TCK
JTAG
Debug port serial clock as per JTAG specifications.
TDI
JTAG
Debug port serial data input port as per JTAG standards specifications.
TDO
JTAG
Debug port serial data output port as per JTAG standards specifications.
TMS
JTAG
Debug port Test Mode Select signal for the JTAG TAP controller state
machine and indicates various state transitions for the TAP controller in
the device.
BP[0:3]
LCD
Back plane signals from the LCD controlling the back plane reference
voltage for the LCD display.
FP[0:39]
LCD
Front plane signals for LCD segments.
EVTI
Nexus
Nexus2+ event input trigger.
EVTO
Nexus
Nexus2+ event output trigger.
MCKO
Nexus
Output clock for the development tool
MDO[0:3]
Nexus
Message output port pins that send information bits to the development
tools for messages such as Branch Trace Message (BTM), Ownership
Trace Message (OTM), Data Trace Message (DTM). Only available in
reduced port mode.
MSEO
Nexus
Output pin. Indicates the start or end of the variable length message on
the MDO pins.
PDI[0:17]
Parallel Display
Interface
Video/graphic data in various RGB modes input to the DCU.
PDI_DE
Parallel Display
Interface
Input signal indicates the validity of pixel data on the Input PDI data bus.
For valid Pixel Data this is high, otherwise low.
PDI_HSYNC
Parallel Display
Interface
Input indicates the timing reference for the start of each frame line for the
PDI Input data.
PDI_PCLK
Parallel Display
Interface
Output pixel clock for PDI.
PDI_VSYNC
Parallel Display
Interface
Input indicates the timing reference for the start of a frame for the PDI
input data.
RXD_A
LINFlex-UART
SCI/LIN Receive data signal. This port is used to download the code for
the BAM boot sequence
RXD_B
LINFlex-UART
SCI/LIN Receive data signal. Input pad for the LIN SCI module.
Connects to the internal LIN second port.
TXD_A
LINFlex-UART
This port is used to download the code for the BAM boot sequence
TXD_B
LINFlex-UART
SCI/LIN Transmit data signal. Transmit (output) port for the second LIN
module in the chip .
SOUND
Sound generation
logic (SGL)
Sound signal to the speaker/buzzer.
Table 7. Signal Details (continued)
Signal
Peripheral
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com