Electronic Components Datasheet Search
  English  ▼

X  

SPC5704CEVLU Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # SPC5704CEVLU
Description  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5704CEVLU Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button SPC5704CEVLU Datasheet HTML 50Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 51Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 52Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 53Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 54Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 55Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 56Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 57Page - Freescale Semiconductor, Inc SPC5704CEVLU Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
54
Table 21. FAST Configuration Output Buffer Electrical Characteristics
Symbol
Parameter
Conditions1
1 V
DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 to +105°C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
VOH
CC Output high level
FAST configuration
Push Pull, IOH = -14mA,
VDD = 5.0V ± 10%, ipp_hve = 0
(recommended)
0.8VDD
V
Push Pull, IOH = -7mA,
VDD = 5.0V ± 10%, ipp_hve = 1
3
3 This is a transient configuration during power-up. All pads but RESET and NEXUS output (MDOx, EVTO, MCK) are
configured in input or in high impedance state.
0.8VDD
Push Pull, IOH = -11mA,
VDD = 3.3V ± 10%, ipp_hve = 1
(recommended)
VDD-0.8
VOL
CC Output low level
FAST configuration
Push Pull, IOL = 14mA,
VDD = 5.0V ± 10%, ipp_hve = 0
(recommended)
0.1VDD
V
Push Pull, IOL = 7mA,
VDD = 5.0V ± 10%, ipp_hve = 1
3
0.1VDD
Push Pull, IOL = 11mA,
VDD = 3.3V ± 10%, ipp_hve = 1
(recommended)
0.5
Ttr
CC4
4 Data based on characterization results, not tested in production
Output transition time output
pin5
FAST configuration
5 C
L calculation should include device and package capacitance (CPKG < 5pF).
CL = 25pF,
VDD = 5.0V ± 10%, ipp_hve = 0
4ns
CL = 50pF,
VDD = 5.0V ± 10%, ipp_hve = 0
6
CL = 100pF,
VDD = 5.0V ± 10%, ipp_hve = 0
12
CL = 25pF,
VDD = 3.3V ± 10%, ipp_hve = 1
4
CL = 50pF,
VDD = 3.3V ± 10%, ipp_hve = 1
7
CL = 100pF,
VDD = 3.3V ± 10%, ipp_hve = 1
12
ΔI
tr50
4 CC Current slew at C
L = 50pF
FAST configuration
VDD = 5.0V ± 10%, ipp_hve = 0
(recommended configuration)
55
mA/n
s
VDD = 3.3V ± 10%, ipp_hve = 1
(recommended configuration)
40
VDD = 5.0V ± 10%, ipp_hve = 1
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com