Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 30Page - Texas Instruments PCM1789 Datasheet HTML 31Page - Texas Instruments PCM1789 Datasheet HTML 32Page - Texas Instruments PCM1789 Datasheet HTML 33Page - Texas Instruments PCM1789 Datasheet HTML 34Page - Texas Instruments PCM1789 Datasheet HTML 35Page - Texas Instruments PCM1789 Datasheet HTML 36Page - Texas Instruments PCM1789 Datasheet HTML 37Page - Texas Instruments PCM1789 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
PCB LAYOUT GUIDELINES
DigitalLogic
and
Audio
Processor
DigitalPower
+3.3V
D
DGND
DigitalSection
AnalogSection
ReturnPathfor3.3V
D andDigitalSignals
AnalogPower
+V
S
AGND
-VS
+5V
A
Digital
Ground
Analog
Ground
Output
Circuits
PCM1789
AGND
VDD
DGND
VCC
PCM1789
SBAS451 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
A typical printed circuit board (PCB) layout for the PCM1789 is shown in Figure 40. A ground plane is
recommended, with the analog and digital sections being isolated from one another using a split or cut in the
circuit board. The PCM1789 should be oriented with the digital I/O pins facing the ground plane split/cut to allow
for short, direct connections to the digital audio interface and control signals originating from the digital section of
the board.
Separate power supplies are recommended for the digital and analog sections of the board. This configuration
prevents the switching noise present on the digital supply from contaminating the analog power supply and
degrading the dynamic performance of the PCM1789.
Figure 40. Recommended PCB Layout
34
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com