Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 21Page - Texas Instruments PCM1789 Datasheet HTML 22Page - Texas Instruments PCM1789 Datasheet HTML 23Page - Texas Instruments PCM1789 Datasheet HTML 24Page - Texas Instruments PCM1789 Datasheet HTML 25Page - Texas Instruments PCM1789 Datasheet HTML 26Page - Texas Instruments PCM1789 Datasheet HTML 27Page - Texas Instruments PCM1789 Datasheet HTML 28Page - Texas Instruments PCM1789 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
CONTROL REGISTER DEFINITIONS (SOFTWARE MODE ONLY)
PCM1789
www.ti.com.............................................................................................................................................................................................. SBAS451 – OCTOBER 2008
The PCM1789 has many user-programmable functions that are accessed via control registers, and are
programmed through the SPI or I2C serial control port. Table 13 shows the available mode control functions
along with reset default conditions and associated register addresses. Table 14 lists the register map.
Table 13. User-Programmable Mode Control Functions
FUNCTION
RESET DEFAULT
REGISTER(1)
LABEL
Mode control register reset
Normal operation
16
MRST
System reset
Normal operation
16
SRST
Analog mute function control
Mute disabled
16
AMUTE[3:0]
Sampling mode selection
Auto
16
SRDA[1:0]
Power-save mode selection
Power save
17
PSMDA
Audio interface format selection
I2S
17
FMTDA[2:0]
Operation control
Normal operation
18
OPEDA
Digital filter roll-off control
Sharp roll-off
18
FLT
Output phase selection
Normal
19
REVDA[2:1]
Soft mute control
Mute disabled
20
MUTDA[2:1]
Zero flag
Not detected
21
ZERO[2:1]
Digital attenuation mode
0 dB to –63 dB, 0.5-dB step
22
DAMS
Digital de-emphasis function control
Disabled
22
DEMP[1:0]
AMUTEO/ZERO flag selection
ZERO2
22
MZSEL
ZERO1: left-channel
Zero flag function selection
22
AZRO
ZERO2: right-channel
Zero flag polarity selection
High for detection
22
ZREV
Digital attenuation level setting
0 dB, no attenuation
24, 25
ATDAx[7:0]
(1)
If ADR6 or ADR5 is high, the register address must be changed to the number shown + offset; offset is 32, 64 and 96 according to state
of ADR6, 5 (01, 10 and 11).
Table 14. Register Map
ADR[6:0](1)
DATA[7:0]
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
16
10
MRST
SRST
AMUTE3
AMUTE2
AMUTE1
AMUTE0
SRDA1
SRDA0
17
11
PSMDA
RSV(2)
RSV(2)
RSV(2)
RSV(2)
FMTDA2
FMTDA1
FMTDA0
18
12
RSV(2)
RSV(2)
RSV(2)
OPEDA
RSV(2)
RSV(2)
RSV(2)
FLT
19
13
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
REVDA2
REVDA1
20
14
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
MUTDA2
MUTDA1
21
15
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
ZERO2
ZERO1
22
16
DAMS
RSV(2)
DEMP1
DEMP0
MZSEL
RSV(2)
AZRO
ZREV
23
17
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
RSV(2)
24
18
ATDA17
ATDA16
ATDA15
ATDA14
ATDA13
ATDA12
ATDA11
ATDA10
25
19
ATDA27
ATDA26
ATDA25
ATDA24
ATDA23
ATDA22
ATDA21
ATDA20
(1)
If ADR6 or ADR5 is high, the register address must be changed to the number shown + offset; offset is 32, 64 and 96 according to state
of ADR6, 5 (01, 10 and 11).
(2)
RSV must be set to '0'.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com