Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 25Page - Texas Instruments PCM1789 Datasheet HTML 26Page - Texas Instruments PCM1789 Datasheet HTML 27Page - Texas Instruments PCM1789 Datasheet HTML 28Page - Texas Instruments PCM1789 Datasheet HTML 29Page - Texas Instruments PCM1789 Datasheet HTML 30Page - Texas Instruments PCM1789 Datasheet HTML 31Page - Texas Instruments PCM1789 Datasheet HTML 32Page - Texas Instruments PCM1789 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
PCM1789
www.ti.com.............................................................................................................................................................................................. SBAS451 – OCTOBER 2008
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
20
14
RSV
RSV
RSV
RSV
RSV
RSV
MUTDA2
MUTDA1
RSV
Reserved
Reserved; do not use.
MUTDA[2:1] Soft Mute control
These bits are used to enable or disable the Soft Mute function for the corresponding DAC
outputs, VOUTx. The Soft Mute function is incorporated into the digital attenuators. When mute is
disabled (MUTDA[2:1] = 0), the attenuator and DAC operate normally. When mute is enabled by
setting MUTDA[2:1] = 1, the digital attenuator for the corresponding output is decreased from the
current setting to infinite attenuation. By setting MUTDA[2:1] = 0, the attenuator is increased to
the last attenuation level in the same manner as it is for decreasing levels. This configuration
reduces pop and zipper noise during muting of the DAC output. This Soft Mute control uses the
same resource of digital attenuation level setting. Mute control has priority over the digital
attenuation level setting.
Default value: 00.
MUTDA
Soft Mute control
x0
Left channel mute disabled
x1
Left channel mute enabled
0x
Right channel mute disabled
1x
Right channel mute enabled
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
21
15
RSV
RSV
RSV
RSV
RSV
RSV
ZERO2
ZERO1
RSV
Reserved
Reserved; do not use.
ZERO[2:1]
Zero flag (read-only)
These bits indicate the present status of the zero detect circuit for each DAC channel; these bits
are read-only.
ZERO
Zero flag
x0
Left channel zero input not detected
x1
Left channel zero input detected
0x
Right channel zero input not detected
1x
Right channel zero input detected
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com