Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 28Page - Texas Instruments PCM1789 Datasheet HTML 29Page - Texas Instruments PCM1789 Datasheet HTML 30Page - Texas Instruments PCM1789 Datasheet HTML 31Page - Texas Instruments PCM1789 Datasheet HTML 32Page - Texas Instruments PCM1789 Datasheet HTML 33Page - Texas Instruments PCM1789 Datasheet HTML 34Page - Texas Instruments PCM1789 Datasheet HTML 35Page - Texas Instruments PCM1789 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
APPLICATION INFORMATION
CONNECTION DIAGRAMS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ADR5/ADR1/RSV
MS/ADR0/RSV
MC/SCL/FMT
MD/SDA/DEMP
MODE
ZERO1
ZERO2/AMUTEO
AMUTEI
VCC2
AGND2
VOUTR
VOUTR+
-
LRCK
BCK
DIN
RST
SCKI
VDD
DGND
VCC1
VCOM
AGND1
VOUTL
VOUTL+
-
PCM1789
R
3
LPFandBuffer
PLL170x
+3.3V
+5V
0V
20
0V
3.3V
20
R
6
R
6
R
1
R
2
AudioDSP
or
Decoder
R
3
Microcontroller
or
Microprocessor
R
5
C
3
SeeTermination
CircuitOptionsBelow
C
1
LPFandBuffer
C
4
C
2
+
C
5
+
C
6
+
TerminationCircuitOptions(selectone)
3.3V
20
20
0V
POWER SUPPLY AND GROUNDING
PCM1789
SBAS451 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
A basic connection diagram is shown in Figure 37, with the necessary power-supply bypassing and decoupling
components. Texas Instruments’ PLL170X is used to generate the system clock input at SCKI, as well as to
generate the clock for the audio signal processor. The use of series resistors (22
Ω to 100 Ω) are recommended
for SCKI, LRCK, BCK, and DIN for electromagnetic interference (EMI) reduction.
NOTE: C1 through C3 are 1-µF ceramic capacitors. C4 through C6 are 10-µF electrolytic capacitors. R1 through R4 are 22-Ω to 100-Ω
resistors. R5 is a resistor appropriate for pull-up. R6 is a 220-kΩ resistor, ±5%. An appropriate resistor is required for pull-up, if
ZERO2/AMUTEO pin is used as AMUTEO.
Figure 37. Basic Connection Diagram
The PCM1789 requires +5 V for the analog supply and +3.3 V for the digital supply. The +5-V supply is used to
power the DAC analog and output filter circuitry, and the +3.3-V supply is used to power the digital filter and
serial interface circuitry. For best performance, it is recommended to use a linear regulator (such as the
REG101-5/33, REG102-5/33, or REG103-5/33) with the +5-V and +3.3-V supplies.
Five capacitors are required for supply bypassing, as shown in Figure 37. These capacitors should be located as
close as possible to the PCM1789 package. The 10-
µF capacitors are aluminum electrolytic, while the three 1-µF
capacitors are ceramic.
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com