Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 10Page - Texas Instruments PCM1789 Datasheet HTML 11Page - Texas Instruments PCM1789 Datasheet HTML 12Page - Texas Instruments PCM1789 Datasheet HTML 13Page - Texas Instruments PCM1789 Datasheet HTML 14Page - Texas Instruments PCM1789 Datasheet HTML 15Page - Texas Instruments PCM1789 Datasheet HTML 16Page - Texas Instruments PCM1789 Datasheet HTML 17Page - Texas Instruments PCM1789 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
SAMPLING MODE
0
20
40
60
80
100
120
140
160
180
200
-
-
-
-
-
-
-
-
-
-
2.0
NormalizedFrequency(f )
S
0
0.5
1.0
1.5
DSM_Dual
DSM_Single
DSM_Quad
DF_Dual
DF_Single
DF_Quad
PCM1789
SBAS451 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
The PCM1789 supports three sampling modes (single rate, dual rate, and quad rate) in DAC operation. In single
rate mode, the DAC operates at an oversampling frequency of x128 (except when SCKI = 128 fS and 192 fS);
this mode is supported for sampling frequencies less than 50 kHz. In dual rate mode, the DAC operates at an
oversampling frequency of x64; this mode is supported for sampling frequencies less than 100 kHz. In quad rate
mode, the DAC operates at an oversampling frequency of x32. The sampling mode is automatically selected
according to the ratio of system clock frequency and sampling frequency by default (that is, single rate for 512 fS,
768 fS, and 1152 fS; dual rate for 256 fS and 384 fS; and quad rate for 128 fS and 192 fS), but manual selection is
also possible for specified combinations through the serial mode control register.
Table 3 and Figure 19 show the relationship among the oversampling rate (OSR) of the digital filter and
ΔΣ
modulator, the noise-free shaped bandwidth, and each sampling mode setting.
Table 3. Digital Filter OSR, Modulator OSR, and Noise-Free Shaped Bandwidth for Each Sampling Mode
SAMPLING
NOISE-FREE SHAPED BANDWIDTH(1)
MODE
SYSTEM CLOCK
(kHz)
REGISTER
FREQUENCY
DIGITAL FILTER
MODULATOR
SETTING
(xfS)
fS = 48 kHz
fS = 96 kHz
fS = 192 kHz
OSR
OSR
512, 768, 1152
40
N/A
N/A
×8
x128
Auto
256, 384
20
40
N/A
x8
x64
128, 192(2)
10
20
40
x4
x32
512, 768, 1152
40
N/A
N/A
x8
x128
Single
256, 384
40
N/A
N/A
x8
x128
128, 192(2)
20
N/A
N/A
x4
x64
256, 384
20
40
N/A
x8
x64
Dual
128, 192(2)
20
40
N/A
x4
x64
Quad
128, 192(2)
10
20
40
x4
x32
(1)
Bandwidth in which noise is shaped out.
(2)
Quad mode filter characteristic is applied.
Figure 19.
ΔΣ Modulator and Digital Filter Characteristic
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com