Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 14Page - Texas Instruments PCM1789 Datasheet HTML 15Page - Texas Instruments PCM1789 Datasheet HTML 16Page - Texas Instruments PCM1789 Datasheet HTML 17Page - Texas Instruments PCM1789 Datasheet HTML 18Page - Texas Instruments PCM1789 Datasheet HTML 19Page - Texas Instruments PCM1789 Datasheet HTML 20Page - Texas Instruments PCM1789 Datasheet HTML 21Page - Texas Instruments PCM1789 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
AUDIO INTERFACE TIMING
t
LRS
1.4V
1.4V
1.4V
BCK
(Input)
LRCK
(Input)
DIN
(Input)
t
BCH
t
BCL
t
BCY
t
LRH
t
DIS
t
DIH
t
LRW
PCM1789
SBAS451 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
Figure 27 and Table 5 describe the detailed audio interface timing specifications.
Figure 27. Audio Interface Timing Diagram for Left-Justified, Right-Justified, I2S, and DSP Data Formats
Table 5. Timing Requirements for Figure 27
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tBCY
BCK cycle time
75
ns
tBCH
BCK pulse width high
35
ns
tBCL
BCK pulse width low
35
ns
LRCK pulse width high (LJ, RJ and I2S formats)
1/(2 × fS)
1/(2 × fS)
sec
tLRW
LRCK pulse width high (DSP format)
tBCY
tBCY
sec
tLRS
LRCK setup time to BCK rising edge
10
ns
tLRH
LRCK hold time to BCK rising edge
10
ns
tDIS
DIN setup time to BCK rising edge
10
ns
tDIH
DIN hold time to BCK rising edge
10
ns
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com