Electronic Components Datasheet Search
  English  ▼

X  

PCA9701 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9701 Datasheet HTML 13Page - NXP Semiconductors PCA9701 Datasheet HTML 14Page - NXP Semiconductors PCA9701 Datasheet HTML 15Page - NXP Semiconductors PCA9701 Datasheet HTML 16Page - NXP Semiconductors PCA9701 Datasheet HTML 17Page - NXP Semiconductors PCA9701 Datasheet HTML 18Page - NXP Semiconductors PCA9701 Datasheet HTML 19Page - NXP Semiconductors PCA9701 Datasheet HTML 20Page - NXP Semiconductors PCA9701 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
17 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
Fig 15. AC waveform for tPOR timing
Fig 16. AC waveform for INT timing
CS
SCLK
SDOUT
MSB out
002aad158
tPOR
VPOR
2.5 V
0 V
VDD
MSB
− 1
CS
INn
INT_EN
002aad159
trel(int)
STATE 0
STATE 1
STATE 0
INT
tv(INT_N)
tv(INT_N)
trel(int)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com