Electronic Components Datasheet Search
  English  ▼

X  

PCA9701 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9701 Datasheet HTML 11Page - NXP Semiconductors PCA9701 Datasheet HTML 12Page - NXP Semiconductors PCA9701 Datasheet HTML 13Page - NXP Semiconductors PCA9701 Datasheet HTML 14Page - NXP Semiconductors PCA9701 Datasheet HTML 15Page - NXP Semiconductors PCA9701 Datasheet HTML 16Page - NXP Semiconductors PCA9701 Datasheet HTML 17Page - NXP Semiconductors PCA9701 Datasheet HTML 18Page - NXP Semiconductors PCA9701 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
15 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
10. Static characteristics
[1]
VDD must be lowered to 0.2 V for at least 5 µs in order to reset device.
[2]
Minimum VIL is 2.0 V at VDD = 4.5 V.
[3]
For GPI pin voltages > 5.5 V, see Section 7.3.
Table 5.
Static characteristics
VDD = 2.5 V to 5.5 V; VSS =0V; Tamb = −40 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
2.5
3.3
5.5
V
IDD
supply current
VDD = 5.5 V; input=5V or 18 V; INT_EN = VDD
-
1.0
2.5
µA
VPOR
power-on reset voltage[1]
-
1.8
2.2
V
General Purpose Inputs
VIL
LOW-level input voltage
[2] -
-
0.4VDD V
VIH
HIGH-level input voltage
0.7VDD --
V
II
input current
GPI recommended maximum current;
VI > 5.5 V; with series resistor Rs
[3] -
-
100
µA
IIH
HIGH-level input current
each input; VI =VDD
−1-
+1
µA
ILI
input leakage current
VI = 17 V; 100 kΩ series resistor
−1-
+1
µA
Ci
input capacitance
VI =VSS or VDD
-
2.0
5.0
pF
Interrupt output
IOL
LOW-level output current
VDD = 4.5 V; VOL = 0.4 V
6
-
-
mA
VDD = 2.5 V; VOL = 0.4 V
3
-
-
mA
IOH
HIGH-level output current VOH =VDD
−1-
+1
µA
Co
output capacitance
-
2
5
pF
SPI and control
VIL
LOW-level input voltage
-
-
0.3VDD V
VIH
HIGH-level input voltage
0.7VDD -
5.5
V
IIH
HIGH-level input current
SDIN; VI =VDD = 5.5 V
-
20
40
µA
IOL
LOW-level output current
SDOUT; VOL = 0.4 V
VDD = 4.5 V
5
-
-
mA
VDD = 2.5 V
3
-
-
mA
IOH
HIGH-level output current SDOUT; VOH =VDD − 0.5 V
VDD = 4.5 V
5
-
-
mA
VDD = 2.5 V
3
-
-
mA
Ci
input capacitance
VI =VSS or VDD
-2
5
pF
Co
output capacitance
SDOUT; CS = VDD
-4
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com