Electronic Components Datasheet Search
  English  ▼

X  

PCA9701 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA9701 Datasheet HTML 18Page - NXP Semiconductors PCA9701 Datasheet HTML 19Page - NXP Semiconductors PCA9701 Datasheet HTML 20Page - NXP Semiconductors PCA9701 Datasheet HTML 21Page - NXP Semiconductors PCA9701 Datasheet HTML 22Page - NXP Semiconductors PCA9701 Datasheet HTML 23Page - NXP Semiconductors PCA9701 Datasheet HTML 24Page - NXP Semiconductors PCA9701 Datasheet HTML 25Page - NXP Semiconductors PCA9701 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
22 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
Fig 23. Package outline SOT994-1 (HWQFN24)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT994-1
- - -
MO-220
- - -
SOT994-1
07-02-07
07-03-03
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
UNIT
A(1)
max
mm
0.8
0.05
0.00
0.30
0.18
4.1
3.9
2.25
1.95
4.1
3.9
2.25
1.95
2.5
2.5
0.1
A1
DIMENSIONS (mm are the original dimensions)
HWQFN24: plastic thermal enhanced very very thin quad flat package; no leads;
24 terminals; body 4 x 4 x 0.75 mm
0
2.5
5 mm
scale
b
c
0.2
D(1)
Dh
E(1)
Eh
e
0.5
e1
e2
L
0.5
0.3
v
w
0.05
y
0.05
y1
0.1
B
A
terminal 1
index area
E
D
detail X
A
A1
c
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
∅ v M
C
∅ w M
terminal 1
index area
6
13
12
7
18
24
19
1
L
Eh
Dh
C
y
C
y1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com