Electronic Components Datasheet Search
  English  ▼

X  

PCA9701 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9701 Datasheet HTML 3Page - NXP Semiconductors PCA9701 Datasheet HTML 4Page - NXP Semiconductors PCA9701 Datasheet HTML 5Page - NXP Semiconductors PCA9701 Datasheet HTML 6Page - NXP Semiconductors PCA9701 Datasheet HTML 7Page - NXP Semiconductors PCA9701 Datasheet HTML 8Page - NXP Semiconductors PCA9701 Datasheet HTML 9Page - NXP Semiconductors PCA9701 Datasheet HTML 10Page - NXP Semiconductors PCA9701 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
7 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
7.1.5 Register access timing
Figure 6 shows the waveforms of the device operation. Initially CS is HIGH and SCLK is
LOW. On the falling edge of CS, input port status, DATA[n:0] is captured into the input
status register, and subsequently the first rising edge of SCLK parallel loads the shift
register. The falling edge of SCLK samples the data on the SDIN. The MSB from the shift
register is valid and available on the SDOUT after the first rising edge of SCLK.
7.2 Interrupt output
INT is the open-drain interrupt output and is active LOW. A pull-up resistor of
approximately 10 k
Ω is recommended. The interrupt output is asserted when the input
status is changed, and is cleared on the falling edge of CS or when the input port status
matches the input status register. When there are multiple devices, the INT outputs may
be tied together to a single pull-up.
Table 3 illustrates the state of the interrupt output versus the state of the input port and
input status register. The interrupt output is asserted when the input port and input status
register differ.
DATA[n:0] is data on the input pins, IN[n:0].
For 8-bit GPI (PCA9702), n = 7; for 16-bit GPI (PCA9701), n = 15.
Shaded areas indicate active but invalid data.
Fig 6.
Register access timing
CS
SCLK
SDIN
SDOUT
high-impedance
MSB in
MSB out
002aac426
MSB
− 1 in
MSB
− 1 out
LSB in
LSB out
input status
register
shift
register
DATA[n:0]
DATA[n:0]
sample
SDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com