Electronic Components Datasheet Search
  English  ▼

X  

PCA9701 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9701 Datasheet HTML 14Page - NXP Semiconductors PCA9701 Datasheet HTML 15Page - NXP Semiconductors PCA9701 Datasheet HTML 16Page - NXP Semiconductors PCA9701 Datasheet HTML 17Page - NXP Semiconductors PCA9701 Datasheet HTML 18Page - NXP Semiconductors PCA9701 Datasheet HTML 19Page - NXP Semiconductors PCA9701 Datasheet HTML 20Page - NXP Semiconductors PCA9701 Datasheet HTML 21Page - NXP Semiconductors PCA9701 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
18 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
12. Test information
RL = load resistance.
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse
generators.
Fig 17. Test circuitry for enable/disable times, SDOUT (ten(SDOUT) and tdis(SDOUT))
Fig 18. Test circuitry for switching times, SDOUT (tv(SDOUT))
Fig 19. Test circuitry for switching times, INT
PULSE
GENERATOR
VO
CL
50 pF
RL
10 k
Ω
002aac580
RT
VI
VDD
DUT
VDD
open
10 k
Ω
PULSE
GENERATOR
VO
CL
50 pF
002aac581
RT
VI
VDD
DUT
PULSE
GENERATOR
VO
CL
50 pF
RL
10 k
Ω
002aac582
RT
VI
VDD
DUT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com