Electronic Components Datasheet Search
  English  ▼

X  

PCA9701 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9701 Datasheet HTML 5Page - NXP Semiconductors PCA9701 Datasheet HTML 6Page - NXP Semiconductors PCA9701 Datasheet HTML 7Page - NXP Semiconductors PCA9701 Datasheet HTML 8Page - NXP Semiconductors PCA9701 Datasheet HTML 9Page - NXP Semiconductors PCA9701 Datasheet HTML 10Page - NXP Semiconductors PCA9701 Datasheet HTML 11Page - NXP Semiconductors PCA9701 Datasheet HTML 12Page - NXP Semiconductors PCA9701 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
9 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
7.3.1 VIL, VIH and switching points
A minimum LOW threshold of 2.0 V is guaranteed for the logical switching points for the
inputs. See Figure 7 for details.
The VIL is specified as a maximum of 0.40 × VDD and is 2.0 V at 4.5 V VDD. This means
that if the user applies 2.0 V or less to the input (with VDD = 4.5 V), or as the voltage
passes this threshold, they will always see a LOW.
The VIH is specified as a minimum of 0.7 × VDD. This means that if the user applies 3.15 V
or more to the input (with VDD = 4.5 V), or as the voltage passes this threshold, they will
always see a HIGH.
Fig 7.
Logic level thresholds for general purpose inputs
002aae128
VI
VDD
hysteresis
minimum
0 V
0.4VDD
0.7VDD
HIGH
LOW
VIH
VIL
possible ground shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com