Electronic Components Datasheet Search
  English  ▼

X  

PCA9701 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9701 Datasheet HTML 1Page - NXP Semiconductors PCA9701 Datasheet HTML 2Page - NXP Semiconductors PCA9701 Datasheet HTML 3Page - NXP Semiconductors PCA9701 Datasheet HTML 4Page - NXP Semiconductors PCA9701 Datasheet HTML 5Page - NXP Semiconductors PCA9701 Datasheet HTML 6Page - NXP Semiconductors PCA9701 Datasheet HTML 7Page - NXP Semiconductors PCA9701 Datasheet HTML 8Page - NXP Semiconductors PCA9701 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
5 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
6.2 Pin description
[1]
HWQFN24 package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must be connected to supply
ground for proper device operation. For enhanced thermal, electrical, and board level performance, the exposed pad needs to be
soldered to the board using a corresponding thermal pad on the board and for proper heat conduction through the board, thermal vias
need to be incorporated in the PCB in the thermal pad region.
Table 2.
Pin description
Symbol
Pin
Type
Description
SO24, TSSOP24
HWQFN24
TSSOP16
SDOUT
1
22
1
output
3-state serial data output; normally high-impedance
INT
2
23
2
output
open-drain interrupt output (active LOW)
INT_EN
3
24
3
input
interrupt output enable
1 = interrupt is enabled
0 = interrupt is disabled and high-impedance
IN0
4
1
4
input
input port 0
IN1
5
2
5
input
input port 1
IN2
6
3
6
input
input port 2
IN3
7
4
7
input
input port 3
IN4
8
5
9
input
input port 4
IN5
9
6
10
input
input port 5
IN6
10
7
11
input
input port 6
IN7
11
8
12
input
input port 7
VSS
12
9[1]
8
ground
ground supply
IN8
13
10
-
input
input port 8
IN9
14
11
-
input
input port 9
IN10
15
12
-
input
input port 10
IN11
16
13
-
input
input port 11
IN12
17
14
-
input
input port 12
IN13
18
15
-
input
input port 13
IN14
19
16
-
input
input port 14
IN15
20
17
-
input
input port 15
CS
21
18
13
input
chip select (active LOW)
SCLK
22
19
14
input
serial input clock
SDIN
23
20
15
input
serial data input (20
µA pull-down)
VDD
24
21
16
supply
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com