Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF1508ASVL Datasheet HTML 6Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 7Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 8Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 9Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 10Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 11Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 12Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 13Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
ATF1508ASV(L)
1408H–PLD–7/05
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
2. I
CC3 refers to the current in the reduced-power mode when macrocell reduced-power is turned ON.
Note:
Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested. The OGI pin (high-voltage pin
during programming) has a maximum capacitance of 12 pF.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient)
0°C - 70°C
-40°C - 85°C
V
CC (3.3V) Power Supply
3.0V - 3.6V
3.0V - 3.6V
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
V
IN = VCC
-2
-10
µA
I
IH
Input or I/O High
Leakage Current
210
µA
I
OZ
Tri-State Output
Off-State Current
V
O = VCC or GND
-40
40
µA
I
CC1
Power Supply
Current, Standby
V
CC = Max
V
IN = 0, VCC
Std Mode
Com.
115
mA
Ind.
135
mA
“L” Mode
Com.
5
µA
Ind.
5
µA
I
CC2
Power Supply Current,
Power-down Mode
V
CC = Max
V
IN = 0, VCC
“PD” Mode
0.1
5
mA
I
CC3
(2)
Reduced-power Mode
Supply Current, Standby
V
CC = Max
V
IN = 0, VCC
Std Mode
Com.
60
mA
Ind.
80
mA
V
IL
Input Low Voltage
-0.3
0.8
V
V
IH
Input High Voltage
1.7
V
CCIO + 0.3
V
V
OL
Output Low Voltage (TTL)
V
IN = VIH or VIL
V
CC = Min, IOL = 8 mA
Com.
0.45
V
Ind.
0.45
V
Output Low Voltage (CMOS)
V
IN = VIH or VIL
V
CC = Min, IOL = 0.1 mA
Com.
0.2
V
Ind.
0.2
V
V
OH
Output High Voltage
– 3.3V (TTL)
V
IN = VIH or VIL
V
CC = Min, IOH = -2.0 mA
2.4
V
Output High Voltage
– 3.3V (CMOS)
V
IN = VIH or VIL
V
CCIO = Min, IOH = -0.1 mA
V
CCIO - 0.2
V
Pin Capacitance
Typ
Max
Units
Conditions
C
IN
8pF
V
IN = 0V; f = 1.0 MHz
C
I/O
8pF
V
OUT = 0V; f = 1.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com