Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1508ASVL Datasheet HTML 1Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 2Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 3Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 4Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 5Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 6Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 7Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 8Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
ATF1508ASV(L)
1408H–PLD–7/05
Flip-flop
The ATF1508ASV(L)’s flip-flop has very flexible data and control functions. The data
input can come from either the XOR gate, from a separate product term or directly from
the I/O pin. Selecting the separate product term allows creation of a buried registered
feedback within a combinatorial output macrocell. (This feature is automatically imple-
mented by the fitter software). In addition to D, T, JK and SR operation, the flip-flop can
also be configured as a flow-through latch. In this mode, data passes through when the
clock is high and is latched when the clock is low.
The clock itself can either be the Global CLK Signal (GCK) or an individual product term.
The flip-flop changes state on the clock's rising edge. When the GCK signal is used as
the clock, one of the macrocell product terms can be selected as a clock enable. When
the clock enable function is active and the enable signal (product term) is low, all clock
edges are ignored. The flip-flop’s asynchronous reset signal (AR) can be either the Glo-
bal Clear (GCLEAR), a product term, or always off. AR can also be a logic OR of
GCLEAR with a product term. The asynchronous preset (AP) can be a product term or
always off.
Figure 1. ATF1508ASV(L) Macrocell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com