Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATF1508ASVL Datasheet HTML 10Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 11Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 12Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 13Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 14Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 15Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 16Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 17Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
ATF1508ASV(L)
1408H–PLD–7/05
Output AC Test Loads
Power-down Mode
The ATF1508ASV(L) includes two pins for optional pin-controlled power-down feature.
When this mode is enabled, the PD pin acts as the power-down pin. When the PD1 and
PD2 pin is high, the device supply current is reduced to less than 5 mA. During power-
down, all output data and internal logic states are latched and held. Therefore, all regis-
tered and combinatorial output data remain valid. Any outputs that were in a high-Z state
at the onset will remain at high-Z. During power-down, all input signals except the
power-down pin are blocked. Input and I/O hold latches remain active to ensure that
pins do not float to indeterminate levels, further reducing system power. The power-
down pin feature is enabled in the logic design file. Designs using either power-down pin
may not use the PD pin logic array input. However, buried logic resources in this macro-
cell may still be used.
Notes:
1. For slow slew outputs, add t
SSO.
2. Pin or product term.
3.0V
703
8060
Power Down AC Characteristics(1)(2)
Symbol
Parameter
-15
-20
Units
Min
Max
Min
Max
t
IVDH
Valid I, I/O before PD High
15
20
ns
tGVDH
Valid OE(2) before PD High
15
20
ns
tCVDH
Valid Clock(2) before PD High
15
20
ns
t
DHIX
I, I/O Don’t Care after PD High
25
30
ns
tDHGX
OE(2) Don’t Care after PD High
25
30
ns
t
DHCX
Clock(2) Don’t Care after PD High
25
30
ns
t
DLIV
PD Low to Valid I, I/O
1
1
µs
tDLGV
PD Low to Valid OE (Pin or Term)
1
1
µs
t
DLCV
PD Low to Valid Clock (Pin or Term)
1
1
µs
t
DLOV
PD Low to Valid Output
1
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com