Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATF1508ASVL Datasheet HTML 11Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 12Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 13Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 14Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 15Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 16Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 17Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 18Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
ATF1508ASV(L)
1408H–PLD–7/05
JTAG-BST Overview
The JTAG-BST (JTAG boundary-scan testing) is controlled by the Test Access Port
(TAP) controller in the ATF1508ASV(L). The boundary-scan technique involves the
inclusion of a shift-register stage (contained in a boundary-scan cell) adjacent to each
component so that signals at component boundaries can be controlled and observed
using scan testing principles. Each input pin and I/O pin has its own Boundary-scan Cell
(BSC) in order to support boundary-scan testing. The ATF1508ASV(L) does not cur-
rently include a Test Reset (TRST) input pin because the TAP controller is automatically
reset at power-up. The six JTAG-BST modes supported include: SAMPLE/PRELOAD,
EXTEST, BYPASS and IDCODE. BST on the ATF1508ASV(L) is implemented using
the Boundary-scan Definition Language (BSDL) described in the JTAG specification
(IEEE Standard 1149.1). Any third-party tool that supports the BSDL format can be used
to perform BST on the ATF1508ASV(L).
The ATF1508ASV(L) also has the option of using four JTAG-standard I/O pins for in-
system programming (ISP). The ATF1508ASV(L) is programmable through the four
JTAG pins using programming-compatible with the IEEE JTAG Standard 1149.1. Pro-
gramming is performed by using 5V TTL-level programming signals from the JTAG ISP
interface. The JTAG feature is a programmable option. If JTAG (BST or ISP) is not
needed, then the four JTAG control pins are available as I/O pins.
JTAG Boundary-scan
Cell (BSC) Testing
The ATF1508ASV(L) contains up to 96 I/O pins and four input pins, depending on the
device type and package type selected. Each input pin and I/O pin has its own bound-
ary-scan cell (BSC) in order to support boundary-scan testing as described in detail by
IEEE Standard 1149.1. A typical BSC consists of three capture registers or scan regis-
ters and up to two update registers. There are two types of BSCs, one for input or I/O
pin, and one for the macrocells. The BSCs in the device are chained together through
the (BST) capture registers. Input to the capture register chain is fed in from the TDI pin
while the output is directed to the TDO pin. Capture registers are used to capture active
device data signals, to shift data in and out of the device and to load data into the update
registers. Control signals are generated internally by the JTAG TAP controller. The BSC
configuration for the input and I/O pins and macrocells are shown below.
BSC Configuration Pins and Macrocells (Except JTAG TAP Pins)
Note:
The ATF1508ASV(L) has pull-up option on TMS and TDI pins. This feature is selected as a design option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com