Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATF1508ASVL Datasheet HTML 14Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 15Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 16Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 17Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 18Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 19Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 20Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 21Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
ATF1508ASV(L)
1408H–PLD–7/05
ATF1508ASV(L) I/O Pinouts
MC
PLB
84-lead
J-lead
100-lead
PQFP
100-lead
TQFP
160-lead
PQFP
MC
PLB
84-lead
J-lead
100-lead
PQFP
100-lead
TQFP
160-lead
PQFP
1
A
-
4
2
160
33
C
-
27
25
41
2
A
-
---
34
C
-
---
3
A/
PD1
12
3
1
159
35
C
31
26
24
33
4
A
-
-
-
158
36
C
-
-
-
32
5
A
11
2
100
153
37
C
30
25
23
31
6
A
10
1
99
152
38
C
29
24
22
30
7
A
-
---
39
C
-
---
8
A
9
100
98
151
40
C
28
23
21
29
9
A
-
99
97
150
41
C
-
22
20
28
10
A
-
---
42
C
-
---
11
A
8
98
96
149
43
C
27
21
19
27
12
A
-
-
-
147
44
C
-
-
-
25
13
A
6
96
94
146
45
C
25
19
17
24
14
A
5
95
93
145
46
C
24
18
16
23
15
A
-
---
47
C
-
---
16
A
4
94
92
144
48
C/
TMS
23
17
15
22
17
B
22
16
14
21
49
D
41
39
37
59
18
B
-
---
50
D
-
---
19
B
21
15
13
20
51
D
40
38
36
58
20
B
-
-
-
19
52
D
-
-
-
57
21
B
20
14
12
18
53
D
39
37
35
56
22
B
-
12
10
16
54
D
-
35
33
54
23
B
-
---
55
D
-
---
24
B
18
11
9
15
56
D
37
34
32
53
25
B
17
10
8
14
57
D
36
33
31
52
26
B
-
---
58
D
-
---
27
B
16
9
7
13
59
D
35
32
30
51
28
B
-
-
-
12
60
D
-
-
-
50
29
B
15
8
6
11
61
D
34
31
29
49
30
B
-
7
5
10
62
D
-
30
28
48
31
B
-
---
63
D
-
---
32
B/
TDI
14
6
4
9
64
D
33
29
27
43
65
E
44
42
40
62
97
G
63
65
63
100
66
E
-
---
98
G
-
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com