Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATF1508ASVL Datasheet HTML 16Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 17Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 18Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 19Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 20Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 21Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 22Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 23Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
ATF1508ASV(L)
1408H–PLD–7/05
SUPPLY CURRENT VS. SUPPLY VOLTAGE
(TA = 25°C, F = 0)
0
100
200
2.50
2.75
3.00
3.25
3.50
3.75
4.00
SUPPLY VOLTAGE (V)
STANDARD POWER
REDUCED POWER
SUPPLY CURRENT VS. FREQUENCY
STANDARD POWER (TA = 25°C)
0.0
50.0
100.0
150.0
200.0
250.0
0.00
20.00
40.00
60.00
80.00
100.00
FREQUENCY (MHz)
STANDARD POWER
REDUCED POWER MODE
SUPPLY CURRENT VS. SUPPLY VOLTAGE
LOW POWER ("L") MODE
(TA = 25°C, F = 0)
0
1
2
3
4
5
6
7
8
9
10
2.50
2.75
3.00
3.25
3.50
3.75
4.00
SUPPLY VOLTAGE (V)
SUPPLY CURRENT VS. SUPPLY VOLTAGE
PIN-CONTROLLED POWER-DOWN MODE
(TA = 25°C, F = 0)
400
500
600
700
800
2.50
2.75
3.00
3.25
3.50
3.75
4.00
SUPPLY VOLTAGE (V)
STANDARD & REDUCED POWER MODE
SUPPLY CURRENT VS. FREQUENCY
LOW-POWER ("L") VERSION
(TA = 25°C)
0.0
25.0
50.0
75.0
100.0
125.0
0.00
5.00
10.00
15.00
20.00
FREQUENCY (MHz)
STANDARD POWER
REDUCED POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com