Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF1508ASVL Datasheet HTML 9Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 10Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 11Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 12Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 13Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 14Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 15Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 16Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
ATF1508ASV(L)
1408H–PLD–7/05
Notes:
1. See ordering information for valid part numbers.
2. The tRPA parameter must be added to the tLAD, tLAC,tTIC, tACL, and tSEXP parameters for macrocells running in the reduced-
power mode.
Input Test Waveforms and Measurement Levels
t
R, tF = 1.5 ns typical
tZX2
Output Buffer Enable Delay
(Slow slew rate = OFF; V
CCIO = 3.3V; CL = 35 pF)
79
ns
tZX3
Output Buffer Enable Delay
(Slow slew rate = ON; V
CCIO = 5.0V/3.3V; CL = 35 pF)
10
11
ns
t
XZ
Output Buffer Disable Delay
(CL = 5 pF)
67
ns
t
SU
Register Setup Time
5
6
ns
tH
Register Hold Time
4
5
ns
tFSU
Register Setup Time of Fast Input
2
2
ns
t
FH
Register Hold Time of Fast Input
2
2
ns
tRD
Register Delay
2
2.5
ns
tCOMB
Combinatorial Delay
2
3
ns
t
IC
Array Clock Delay
6
7
ns
tEN
Register Enable Time
6
7
ns
tGLOB
Global Control Delay
2
3
ns
t
PRE
Register Preset Time
4
5
ns
tCLR
Register Clear Time
4
5
ns
t
UIM
Switch Matrix Delay
2
2.5
ns
t
RPA
Reduced-Power Adder(2)
10
13
ns
AC Characteristics(1) (Continued)
Symbol
Parameter
-15
-20
Units
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com