Electronic Components Datasheet Search
  English  ▼

X  

ATF1508ASVL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATF1508ASVL
Description  Highperformance EE PLD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATF1508ASVL Datasheet HTML 15Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 16Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 17Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 18Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 19Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 20Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 21Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 22Page - ATMEL Corporation ATF1508ASVL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
ATF1508ASV(L)
1408H–PLD–7/05
67
E/
PD2
45
43
41
63
99
G
64
66
64
101
68
E
-
-
-
64
100
G
-
-
-
102
69
E
46
44
42
65
101
G
65
67
65
103
70
E
-
46
44
67
102
G
-
69
67
105
71
E
-
---
103
G
-
---
72
E
48
47
45
68
104
G
67
70
68
106
73
E
49
48
46
69
105
G
68
71
69
107
74
E
-
---
106
G
-
---
75
E
50
49
47
70
107
G
69
72
70
108
76
E
-
-
-
71
108
G
-
-
-
109
77
E
51
50
48
72
109
G
70
73
71
110
78
E
-
51
49
73
110
G
-
74
72
111
79
E
-
---
111
G
-
---
80
E
52
52
50
78
112
G/
TDO
71
75
73
112
81
F
-
54
52
80
113
H
-
77
75
121
82
F
-
---
114
H
-
---
83
F
54
55
53
88
115
H
73
78
76
122
84
F
-
-
-
89
116
H
-
-
-
123
85
F
55
56
54
90
117
H
74
79
77
128
86
F
56
57
55
91
118
H
75
80
78
129
87
F
-
---
119
H
-
---
88
F
57
58
56
92
120
H
76
81
79
130
89
F
-
59
57
93
121
H
-
82
80
131
90
F
-
---
122
H
-
---
91
F
58
60
58
94
123
H
77
83
81
132
92
F
-
-
-
96
124
H
-
-
-
134
93
F
60
62
60
97
125
H
79
85
83
135
94
F
61
63
61
98
126
H
80
86
84
136
95
F
-
---
127
H
-
---
96
F/
TCK
62
64
62
99
128
H/
GCLK3
81
87
85
137
ATF1508ASV(L) I/O Pinouts (Continued)
MC
PLB
84-lead
J-lead
100-lead
PQFP
100-lead
TQFP
160-lead
PQFP
MC
PLB
84-lead
J-lead
100-lead
PQFP
100-lead
TQFP
160-lead
PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com