Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 4 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 4 Page - Semtech Corporation

  E7765AXF Datasheet HTML 1Page - Semtech Corporation E7765AXF Datasheet HTML 2Page - Semtech Corporation E7765AXF Datasheet HTML 3Page - Semtech Corporation E7765AXF Datasheet HTML 4Page - Semtech Corporation E7765AXF Datasheet HTML 5Page - Semtech Corporation E7765AXF Datasheet HTML 6Page - Semtech Corporation E7765AXF Datasheet HTML 7Page - Semtech Corporation E7765AXF Datasheet HTML 8Page - Semtech Corporation E7765AXF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
©
2006 Semtech Corp. , Rev. 11, 7/18/06
TEST AND MEASUREMENT PRODUCTS
www.semtech.com
E7765
Figure 1. E7
Figure 1. E7
Figure 1. E7
Figure 1. E7
Figure 1. E77
77
7
765 De
65 De
65 De
65 De
65 Detailed Bloc
tailed Bloc
tailed Bloc
tailed Bloc
tailed Block Diagram
k Diagram
k Diagram
k Diagram
k Diagram
Circuit Description
Introduction
Introduction
Introduction
Introduction
Introduction
Figure 1 shows a detailed block diagram of the E7765.
Each of the four drivers has independent signal control
and voltage inputs. In addition, each driver has
independent power-down ability as well as adjustability
for output rising and falling edge speeds.
Refer to Table 1 for a truth table depicting the different
modes of operation of an individual channel. Table 2
expands on the independent operations with a description
of the differential drive mode operation. Differential pair[0]
consists of drive channels 0 and 1 and are controlled by
SEL_DHI[0]. Differential pair[1] consists of drive channels
2 and 3 and are controlled by SEL_DHI[1].
l
o
r
t
n
o
C
0
l
e
n
n
a
h
Ct
u
p
t
u
O
s
t
n
e
m
m
o
C
]
0
[I
H
D]
0
[
N
E
D]
0
[
N
O
P]
0
[
T
U
O
D
XX
0
ff
Oe
t
a
t
S
Z
i
H
,r
e
w
o
P
w
o
L
X0
1
Z
i
H)
Z
i
H
(
d
e
l
b
a
s
i
D
r
e
v
ir
D
01
1
L
V
D
I
H
D
w
o
ll
o
F
,
d
e
l
b
a
n
E
r
e
v
ir
D
11
1
H
V
D
TTTTTable 1. Driv
able 1. Driv
able 1. Driv
able 1. Driv
able 1. Driver Contr
er Contr
er Contr
er Contr
er Control T
ol T
ol T
ol T
ol Truth T
ruth T
ruth T
ruth T
ruth Table
able
able
able
able
Channels 1, 2 and 3 similar. SEL_DHI[0] and [1] at logical low.
DBIAS[0]
RADJ[0]
FADJ[0]
DOUT[0]
FADJ[1]
RADJ[1]
CATHOD
DOUT[1]
DBIAS[1]
ANODE
DVH[0]
DVH[1]
DEN[0]
DEN*[0]
DEN[1]
DEN*[1]
PON[0]
PON[1]
DVL[0]
DVL[1]
DHI
DHI*[0]
DHI[1]
DHI*[1]
SEL_DHI[0]
SEL
DE
DE
DH
DH
Channel 0
Channel 1
DBIAS[2]
RADJ[2]
FADJ[2]
DOUT[2]
FADJ[3]
RADJ[3]
DOUT[3]
DBIAS[3]
DVH[2]
DVH[3]
DEN[2]
DEN*[2]
DEN[3]
DEN*[3]
PON[2]
PON[3]
DVL[2]
DVL[3]
DHI[2]
DHI*[2]
DHI[3]
DHI*[3]
SEL_DHI[1]
SEL
DE
DE
DH
DH
Channel 2
Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com