Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 7 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 7 Page - Semtech Corporation

Back Button E7765AXF Datasheet HTML 3Page - Semtech Corporation E7765AXF Datasheet HTML 4Page - Semtech Corporation E7765AXF Datasheet HTML 5Page - Semtech Corporation E7765AXF Datasheet HTML 6Page - Semtech Corporation E7765AXF Datasheet HTML 7Page - Semtech Corporation E7765AXF Datasheet HTML 8Page - Semtech Corporation E7765AXF Datasheet HTML 9Page - Semtech Corporation E7765AXF Datasheet HTML 10Page - Semtech Corporation E7765AXF Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
TEST AND MEASUREMENT PRODUCTS
©
2006 Semtech Corp. , Rev. 11, 7/18/06
www.semtech.com
E7765
Circuit Description (continued)
Driver Slew Rate Adjustment
The driver rising and falling transition times are indepen-
dently adjustable. The RADJ and FADJ pins are analog
current inputs which establish the driver rise and fall times.
Ideally, an adjustable external current source would be
used for RADJ and FADJ. However, for applications where
the rise and fall times are fixed, precision external resis-
tors to a positive voltage can be used. The currents into
RADJ and FADJ follow the equation:
RADJ, FADJ = (VCC - 0.7) / (Rext + 550
Ω).
The diagrams opposite show how driver rise and fall are
adjusted by RADJ, FADJ and DBIAS.
Power Down of the Driver
Referring to Table 1, there are configurations in which a
driver can be put into a power down mode, and others in
which the driver is powered and ready for operation.
PON[0:3] are the TTL inputs controlling power to the indi-
vidual driver circuits. A logical 1 will power up the driver.
The PON inputs remain effective on a per-driver basis in
differential mode.
550
Ω
Rise/Fall
Adjust Current
RADJ, FADJ
VEE
Rext
VCC
Thermal Monitor
An on-chip thermal diode string of five diodes in series
exists (see figure below). This string allows accurate die
temperature measurements.
An external bias current of 100 µA is injected through the
string, and the measured voltage corresponds to a spe-
cific junction temperature with the following equation:
Tj[°C] = {(ANODE – CATHODE) / 5 – 0.768} / (–0.00169).
Power Supply Sequencing
In order to avoid the possibility of latch-up, the following
power-up requirements must be satisfied:
1. VEE <= GND <= VCC at all times
2. VEE <= Analog Inputs <= VCC
3. VEE <= Digital Inputs <= input max voltage or
VCC, whichever is less
The following sequencing can be used as a guideline when
powering up the E7765:
1. VEE
2. VCC
3. Digital Inputs
4. Analog Inputs
The recommended power-down sequence is the reverse
order of the power-up sequence.
ANODE
CATHODE
Temperature Coefficient =
-7.9 mV / °C
Bias Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com