Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 12 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 12 Page - Semtech Corporation

Back Button E7765AXF Datasheet HTML 8Page - Semtech Corporation E7765AXF Datasheet HTML 9Page - Semtech Corporation E7765AXF Datasheet HTML 10Page - Semtech Corporation E7765AXF Datasheet HTML 11Page - Semtech Corporation E7765AXF Datasheet HTML 12Page - Semtech Corporation E7765AXF Datasheet HTML 13Page - Semtech Corporation E7765AXF Datasheet HTML 14Page - Semtech Corporation E7765AXF Datasheet HTML 15Page - Semtech Corporation E7765AXF Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
©
2006 Semtech Corp. , Rev. 11, 7/18/06
TEST AND MEASUREMENT PRODUCTS
www.semtech.com
E7765
Absolute Maximum Ratings
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is
a stress rating only, and functional operation of the device at these, or any other conditions beyond those “recom-
mended”, is not implied. Exposure to conditions above those “recommended” for extended periods may affect device
reliability.
Parameter
Symbol
Min
Max
Units
VCC (relative to GND)
VCC
0
11.75
V
AM1
VEE (relative to GND)
VEE
–6.5
0
V
AM2
Total Power Supply
VCC – VEE
18.25
V
AM3
Digital Input Voltages
DHI(*), DEN(*)
VEE
VCC
V
AM5
Digital Differential Input Voltages
DHI(*), DEN(*)
–2.5
2.5
V
AM6
Digital TTL Inputs
SEL_DHI, PON
–2.5
VCC
V
AM7
Input Voltages
DVH, DVL
VEE
VCC
V
AM8
Current Inputs
RADJ, FADJ, DBIAS
–0.5
2.5
V
AM10
Analog Input Currents
RADJ, FADJ, DBIAS
0
2
mA
AM12
Driver Output Current
Iout
–40
40
mA
AM15
Driver Swing
DVH – DVL
0
11.5
V
AM16
Storage Temperature
TS
–65
150
ûCAM18
Junction Temperature
TJ
125
ûCAM19
Soldering Temperature
TSOL
260
ûCAM20
(5 seconds, .25" from the pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com