Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 20 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 20 Page - Semtech Corporation

Back Button E7765AXF Datasheet HTML 16Page - Semtech Corporation E7765AXF Datasheet HTML 17Page - Semtech Corporation E7765AXF Datasheet HTML 18Page - Semtech Corporation E7765AXF Datasheet HTML 19Page - Semtech Corporation E7765AXF Datasheet HTML 20Page - Semtech Corporation E7765AXF Datasheet HTML 21Page - Semtech Corporation E7765AXF Datasheet HTML 22Page - Semtech Corporation E7765AXF Datasheet HTML 23Page - Semtech Corporation E7765AXF Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
©
2006 Semtech Corp. , Rev. 11, 7/18/06
TEST AND MEASUREMENT PRODUCTS
www.semtech.com
E7765
AC Characteristics (continued)
Figure 2. Driv
Figure 2. Driv
Figure 2. Driv
Figure 2. Driv
Figure 2. Driver DIN t
er DIN t
er DIN t
er DIN t
er DIN to OUT Disper
o OUT Disper
o OUT Disper
o OUT Disper
o OUT Dispersion Measurement Def
sion Measurement Def
sion Measurement Def
sion Measurement Def
sion Measurement Definition
inition
inition
inition
inition
Figure 3. Driv
Figure 3. Driv
Figure 3. Driv
Figure 3. Driv
Figure 3. Driver Minimum Pulse Width Measurement Def
er Minimum Pulse Width Measurement Def
er Minimum Pulse Width Measurement Def
er Minimum Pulse Width Measurement Def
er Minimum Pulse Width Measurement Definition
inition
inition
inition
inition
The measured result is the absolute value of the change in [Tpw,in – Tpw,out] as
the P.W. changes from 25 ns to the end points of PWmin and [50ns – PWmin].
Period = 50 ns
Tpw, in1 = 50 ns - PWmin
Tpw, in2 = PWmin
(DHI - DHI*)
OUT
Time
Time
OUTPUT: OUT(H) = 0.8V; OUT(L) = 0.0V
Tpw,in1
Tpw,in2
Tpw,out2
Tpw,out1
0.0V
0.0V
0.4V
∆Tpw = |(Tpw,in1 - Tpw,out1) - (Tpw,in2 - Tpw,out2)|
VOH
VOL + 0.9 * (VOH–VOL)
(VOH+VOL)/2
VOL + 0.1 * (VOH–VOL)
VOL
OUT
Time
Tpw+
Tpw–
Output
Signal
Period = 100 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com