Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 21 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 21 Page - Semtech Corporation

Back Button E7765AXF Datasheet HTML 16Page - Semtech Corporation E7765AXF Datasheet HTML 17Page - Semtech Corporation E7765AXF Datasheet HTML 18Page - Semtech Corporation E7765AXF Datasheet HTML 19Page - Semtech Corporation E7765AXF Datasheet HTML 20Page - Semtech Corporation E7765AXF Datasheet HTML 21Page - Semtech Corporation E7765AXF Datasheet HTML 22Page - Semtech Corporation E7765AXF Datasheet HTML 23Page - Semtech Corporation E7765AXF Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
TEST AND MEASUREMENT PRODUCTS
©
2006 Semtech Corp. , Rev. 11, 7/18/06
www.semtech.com
E7765
AC Characteristics (continued)
Figure 5. Driv
Figure 5. Driv
Figure 5. Driv
Figure 5. Driv
Figure 5. Driver Tpd: DHI t
er Tpd: DHI t
er Tpd: DHI t
er Tpd: DHI t
er Tpd: DHI to OUT
o OUT
o OUT
o OUT
o OUT, Symme
, Symme
, Symme
, Symme
, Symmetr
tr
tr
tr
tryyyyy, and T
, and T
, and T
, and T
, and Trac
rac
rac
rac
racking Sk
king Sk
king Sk
king Sk
king Skeeeeew Measurement Def
w Measurement Def
w Measurement Def
w Measurement Def
w Measurement Definition
inition
inition
inition
inition
Figure 4. Driv
Figure 4. Driv
Figure 4. Driv
Figure 4. Driv
Figure 4. Driver HiZ Enable/Disable Dela
er HiZ Enable/Disable Dela
er HiZ Enable/Disable Dela
er HiZ Enable/Disable Dela
er HiZ Enable/Disable Delay Measurement Def
y Measurement Def
y Measurement Def
y Measurement Def
y Measurement Definition
inition
inition
inition
inition
OUT
DVH
DVL
(DEN - DEN*)
Time
Time
OUTPUT: DVH = 0.8V, DVL =
0.8V
TPZA
TPAZ
0.0V
0.0V
+800mV
800mV
90%
90%
10%
10%
(RLOAD at DOUT = 50Ω to GND)
(DHI – DHI*)
Time
Time
0.0V
0.0V
OUT
TPLH
TPHL
+0.8V
+0.4V
OUTPUT: OUT(H) = 0.8V; OUT(L) = 0.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com