Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 2 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 2 Page - Semtech Corporation

  E7765AXF Datasheet HTML 1Page - Semtech Corporation E7765AXF Datasheet HTML 2Page - Semtech Corporation E7765AXF Datasheet HTML 3Page - Semtech Corporation E7765AXF Datasheet HTML 4Page - Semtech Corporation E7765AXF Datasheet HTML 5Page - Semtech Corporation E7765AXF Datasheet HTML 6Page - Semtech Corporation E7765AXF Datasheet HTML 7Page - Semtech Corporation E7765AXF Datasheet HTML 8Page - Semtech Corporation E7765AXF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
©
2006 Semtech Corp. , Rev. 11, 7/18/06
TEST AND MEASUREMENT PRODUCTS
www.semtech.com
E7765
PIN Description
[0:3] R
[0:3] R
[0:3] R
[0:3] R
[0:3] Ref
ef
ef
ef
efer
er
er
er
ers t
s t
s t
s t
s to Channels 0, 1
o Channels 0, 1
o Channels 0, 1
o Channels 0, 1
o Channels 0, 1, 2 or 3
, 2 or 3
, 2 or 3
, 2 or 3
, 2 or 3
Note 1:
All VEEs must be connected, externally, to the same supply.
All VCCs must be connected, externally, to the same supply.
All GNDs must be connected, externally.
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
r
e
v
i
r
D
;
5
4
,
4
4
;
7
5
,
6
5
7
1
,
6
1
;
5
,
4
]
3
:
0
[
T
U
O
D.
t
u
p
t
u
o
r
e
v
i
r
D
2
1
,
9
,
9
4
,
2
5
3
1
,
8
,
8
4
,
3
5
]
3
:
0
[I
H
D
]
3
:
0
[
*
I
H
D
w
o
l
r
o
h
g
i
h
r
e
v
i
r
d
e
h
t
t
c
e
l
e
s
h
c
i
h
w
s
n
i
p
l
a
t
i
g
i
d
t
u
p
n
i
l
a
it
n
e
r
e
f
f
i
d
"
x
e
l
F
"
.l
e
v
e
l
0
3
,
1
7
,
1
3
,
0
7
9
2
,
2
7
,
2
3
,
9
6
]
3
:
0
[
N
E
D
]
3
:
0
[
*
N
E
D
e
v
it
c
a
g
n
i
e
b
t
u
p
t
u
o
r
e
v
i
r
d
e
h
t
l
o
r
t
n
o
c
h
c
i
h
w
s
n
i
p
t
u
p
n
i
l
a
it
n
e
r
e
f
f
i
d
"
x
e
l
F
"
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
a
n
i
r
o
4
2
,
7
7
,
7
3
,
4
6
5
2
,
6
7
,
6
3
,
5
6
]
3
:
0
[
H
V
D
]
3
:
0
[
L
V
D
h
g
i
h
r
e
v
i
r
d
e
h
t
e
n
i
m
r
e
t
e
d
h
c
i
h
w
s
t
u
p
n
i
e
g
a
tl
o
v
g
o
l
a
n
a
e
c
n
a
d
e
p
m
i
h
g
i
H
.
s
l
e
v
e
l
w
o
l
d
n
a
7
2
,
4
7
,
4
3
,
7
6
8
2
,
3
7
,
3
3
,
8
6
]
3
:
0
[
J
D
A
R
]
3
:
0
[
J
D
A
F
ll
a
f
d
n
a
e
s
i
r
l
a
n
g
i
s
t
u
p
t
u
o
r
e
v
i
r
d
e
h
t
e
n
i
m
r
e
t
e
d
h
c
i
h
w
s
t
n
e
r
r
u
c
t
u
p
n
I
.
s
e
m
it
6
2
,
5
7
,
5
3
,
6
6]
3
:
0
[
S
A
I
B
D
d
n
a
r
e
v
i
r
d
e
h
t
r
o
f
t
n
e
r
r
u
c
s
a
i
b
l
a
n
r
e
t
n
i
n
a
s
t
e
s
t
a
h
t
t
u
p
n
i
t
n
e
r
r
u
c
g
o
l
a
n
A
.
r
e
w
o
p
ll
a
r
e
v
o
e
h
t
g
n
it
s
u
j
d
a
y
b
e
c
n
a
m
r
o
f
r
e
p
ll
a
r
e
v
o
s
t
i
l
o
r
t
n
o
C
4
1
,
7
4]
1
:
0
[I
H
D
_
L
E
S
.
h
g
i
h
l
a
c
i
g
o
l
a
n
e
h
w
e
d
o
m
e
v
i
r
D
l
a
it
n
e
r
e
f
f
i
D
e
h
t
t
c
e
l
e
s
t
a
h
t
s
t
u
p
n
i
L
T
T
.
e
d
o
m
l
a
it
n
e
r
e
f
f
i
d
o
t
]
1
[
T
U
O
D
d
n
a
]
0
[
T
U
O
D
e
l
b
a
n
e
ll
i
w
]
0
[I
H
D
_
L
E
S
.
e
d
o
m
l
a
it
n
e
r
e
f
f
i
d
o
t
]
3
[
T
U
O
D
d
n
a
]
2
[
T
U
O
D
s
e
l
b
a
n
e
]
1
[I
H
D
_
L
E
S
0
2
,
1
,
1
4
,
0
6]
3
:
0
[
N
O
P
.
N
O
r
e
w
o
p
ll
i
w
1
l
a
c
i
g
o
L
.
F
F
O
d
n
a
N
O
r
e
v
i
r
d
e
h
t
s
r
e
w
o
p
t
a
h
t
t
u
p
n
i
L
T
T
s
e
i
l
p
p
u
S
r
e
w
o
P
;
1
5
,
8
5
,
9
5
;
0
1
,
3
,
2
;
2
4
,
3
4
0
5
9
1
,
8
1
,
1
1
]
3
:
0
[
C
C
V
.
)
1
e
t
o
N
(
s
l
e
n
n
a
h
c
r
e
v
i
r
d
r
u
o
f
e
h
t
f
o
h
c
a
e
o
t
y
l
p
p
u
s
r
e
w
o
p
e
v
it
i
s
o
P
;
5
5
,
1
6
,
2
6
;
9
3
,
0
4
,
6
4
;
6
,
0
8
,
9
7
2
2
,
1
2
,
5
1
]
3
:
0
[
E
E
V
.
)
1
e
t
o
N
(
s
l
e
n
n
a
h
c
r
e
v
i
r
d
r
u
o
f
e
h
t
f
o
h
c
a
e
o
t
y
l
p
p
u
s
r
e
w
o
p
e
v
it
a
g
e
N
3
2
,
8
7
,
8
3
,
3
6]
3
:
0
[
D
N
G
.
)
1
e
t
o
N
(
s
l
e
n
n
a
h
c
r
e
v
i
r
d
r
u
o
f
e
h
t
f
o
h
c
a
e
o
t
d
n
u
o
r
g
e
c
i
v
e
D
s
u
o
e
n
a
l
l
e
c
s
i
M
4
5
,
7E
D
O
N
A
,
E
D
O
H
T
A
C.
g
n
i
r
t
s
e
d
o
i
d
l
a
m
r
e
h
t
p
i
h
c
-
n
o
e
h
t
f
o
s
l
a
n
i
m
r
e
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com