Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 8 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 8 Page - Semtech Corporation

Back Button E7765AXF Datasheet HTML 4Page - Semtech Corporation E7765AXF Datasheet HTML 5Page - Semtech Corporation E7765AXF Datasheet HTML 6Page - Semtech Corporation E7765AXF Datasheet HTML 7Page - Semtech Corporation E7765AXF Datasheet HTML 8Page - Semtech Corporation E7765AXF Datasheet HTML 9Page - Semtech Corporation E7765AXF Datasheet HTML 10Page - Semtech Corporation E7765AXF Datasheet HTML 11Page - Semtech Corporation E7765AXF Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
©
2006 Semtech Corp. , Rev. 11, 7/18/06
TEST AND MEASUREMENT PRODUCTS
www.semtech.com
E7765
Com
Com
Com
Com
Computing Maximum P
puting Maximum P
puting Maximum P
puting Maximum P
puting Maximum Pooooow
w
w
w
wer Consum
er Consum
er Consum
er Consum
er Consumption
ption
ption
ption
ption
The diagram below shows the power consumption of the
E7765 as a function of power supply and performance
bias settings.
Application Information
Computing the Driver Output Voltage Range
The output voltage range of the driver at the DOUT pin is
defined by two fundamental calculations. First is the rela-
tionship to the power supply voltages at the device (VCC
and VEE) and second to the range of programmability of
the DVH and DVL input voltages. Remaining in the calcu-
lated output voltage range is required to maintain all the
DC and AC accuracy specifications for the driver function.
The DOUT range relative to the power supply voltages is
straightforward and depicted in the following figure at the
output of the driver. The required DOUT range must com-
ply with the noted headrooms to the VCC and VEE power
supplies. Headrooms larger than noted is also acceptable
but must remain within the power supply recommended
operating ranges.
The DOUT range is also dependant on the allowable pro-
gramming voltages at the DVH and DVL inputs. Each of
these inputs have similar requirements for power supply
headrooms as DOUT does. These headrooms are also
depicted in the figure. Furthermore, the DVH/L inputs will
have voltage offsets and gain error specifications. These
specifications require that the DVH/L input programming
range be greater than the required DOUT voltage range if
the worst case offset and gain figures are used. The equa-
tion for the resulting minimum and maximum voltage at
DOUT is;
V
DOUT(MIN/MAX) = VOFFSET(MIN/MAX) + [ VIN * GAIN(MIN) ]
Solving for VIN;
V
IN = [ VDOUT(MIN/MAX) + VOFFSET(MIN/MAX) ] / GAIN(MIN)
To solve for the range of V
IN, first select the Vout ranges
required. For example, if we choose -2.0V for the minimum
end and +6.5V for the maximum end of V
DOUT, and an off-
set min/max of -100mV/+100mV and a minimum gain of
0.975 the equations solve as;
For -2.0V;
V
IN(-2V) = [ -2.0V – 100mV ] / 0.975 = -2.154V
For +6.5V;
V
IN(+6.5V) = [ +6.5V + 100mV ] / 0.975 = +6.769V
These resulting V
IN values then need to meet the head-
room requirements previously mentioned as well as the
absolute (relative to ground) voltage limitations specified
in the DC specifications data.
VCC
3.5V
4.0V
3.8V
3.7V
VEE
3.5V
4.0V
DVH
DVL
DOUT
D
O
U
T
D
V
H
D
V
L
or
T
Power Dissipation
Covers Complete Range of Supplies (All PON=1)
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
Min Supplies
Typ Supplies
Max Supplies
High Performance
Lower Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com