Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 13 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 13 Page - Semtech Corporation

Back Button E7765AXF Datasheet HTML 9Page - Semtech Corporation E7765AXF Datasheet HTML 10Page - Semtech Corporation E7765AXF Datasheet HTML 11Page - Semtech Corporation E7765AXF Datasheet HTML 12Page - Semtech Corporation E7765AXF Datasheet HTML 13Page - Semtech Corporation E7765AXF Datasheet HTML 14Page - Semtech Corporation E7765AXF Datasheet HTML 15Page - Semtech Corporation E7765AXF Datasheet HTML 16Page - Semtech Corporation E7765AXF Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
TEST AND MEASUREMENT PRODUCTS
©
2006 Semtech Corp. , Rev. 11, 7/18/06
www.semtech.com
E7765
Recommended Operating Conditions
Note 1: For ‘Negative’ ECL “Flex” inputs (DHI, DEN) with range down to –2V input voltage, VEE - –4.75V.
Note 2: Measured at top of package on exposed heat slug.
Parameter
Symbol
Min
Typ
Max
Units
Positive Power Supply
VCC
8
10
11.6
V
Negative Power Supply (Note 1)
VEE
–6.25
–5
–4.2
V
Total Analog Supply
VCC – VEE
12.2
15
17.85
V
Analog Inputs
Driver Bias Current
DBIAS
0.6
mA
Driver Slew Rate Adjustments
RADJ, FADJ
0.9
mA
Thermal Resistance of Package (Note 2)
0.8
ûC/W
Junction Temperature
TJ
40
100
ûC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com