Electronic Components Datasheet Search
  English  ▼

X  

E7765AXF Datasheet(PDF) 1 Page - Semtech Corporation

Part # E7765AXF
Description  1.3 GHz Quad Pin Electronics Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7765AXF Datasheet(HTML) 1 Page - Semtech Corporation

  E7765AXF Datasheet HTML 1Page - Semtech Corporation E7765AXF Datasheet HTML 2Page - Semtech Corporation E7765AXF Datasheet HTML 3Page - Semtech Corporation E7765AXF Datasheet HTML 4Page - Semtech Corporation E7765AXF Datasheet HTML 5Page - Semtech Corporation E7765AXF Datasheet HTML 6Page - Semtech Corporation E7765AXF Datasheet HTML 7Page - Semtech Corporation E7765AXF Datasheet HTML 8Page - Semtech Corporation E7765AXF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TEST AND MEASUREMENT PRODUCTS
1
www.semtech.com
E7765
1.3 GHz Quad
Pin Electronics Driver
Description
Features
Functional Block Diagram
Applications
Revision 11 / July 18, 2006
The E7765 four channel, monolithic ATE pin electronics
solutions manufactured in a high-performance
complementary bipolar process.
The E7765 power consumption can be minimized to ac-
commodate the required performance and levels. The
E7765 has bias and other inputs that provide a means to
adjust performance versus power consumption. The
E7765 operates at data rates up to 1.3 GHz/2.6 Gbps.
The power supplies to the E7765 are specified over a wide
range to accommodate between –2V, +7V and –0.5V,
+4.2V output voltage ranges.
The E7765 driver is capable of generating 8V swings over
a –2 to +7V range. The driver minimum swing is 100 mV.
A differential driver mode configures pairs of adjacent driv-
ers on-chip to drive differential signals from a single data
input. The driver pairs are DOUT[0]:DOUT[1] and
DOUT[2]:DOUT[3]. The on-chip distribution of the driving
signal and the close matching of performance on-chip will
result in very low skew for differential output to output.
• Memory Testers
– Companion Chip to E7725 as Drive-Only
Channels
• Programmable Clock Drivers
• Test Instruments
• Four Fully Integrated, Three-Statable Drivers
• Wide Choice of Range, Performance vs. Power
• Differential Driver Mode
• Programmable Driver Rise, Fall Times
• –2V, +7V Driver Voltage Range
• Small, 80-Pin LQFP Package
DBIAS
RADJ
FADJ
DOUT
FADJ
RADJ
CATHODE
DOUT
DBIAS
ANODE
DVH
DVH
DEN
DEN*
DEN
DEN*
PON
PON
DVL
DVL
DHI
DHI*
DHI
DHI*
SEL_DHI
SEL
DE
DE
DH
DH
Channel 0
Channel 1
DBIAS
RADJ
FADJ
DOUT
FADJ
RADJ
DOUT
DBIAS
DVH
DVH
DEN
DEN*
DEN
DEN*
PON
PON
DVL
DVL
DHI
DHI*
DHI
DHI*
SEL_DHI
SEL
DE
DE
DH
DH
Channel 2
Channel 3


Similar Part No. - E7765AXF

ManufacturerPart #DatasheetDescription
logo
Eclipse Magnetics Ltd
E776NEO ECLIPSEMAGNETICS-E776NEO Datasheet
160Kb / 2P
Neodymium Magnets
E776NEO ECLIPSEMAGNETICS-E776NEO Datasheet
180Kb / 1P
Neodymium NdFeB
More results

Similar Description - E7765AXF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
Quad 18V Pin Electronics Driver/Window Comparator
October 31, 2005
logo
Semtech Corporation
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
Octal, 18V Pin Electronics Driver
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
Dual Pin Electronics Driver
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
133 MHZ Quad Pin Electronics Driver and Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
November 24, 2008
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com