Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR4258 Datasheet HTML 1Page - ATMEL Corporation ATR4258 Datasheet HTML 2Page - ATMEL Corporation ATR4258 Datasheet HTML 3Page - ATMEL Corporation ATR4258 Datasheet HTML 4Page - ATMEL Corporation ATR4258 Datasheet HTML 5Page - ATMEL Corporation ATR4258 Datasheet HTML 6Page - ATMEL Corporation ATR4258 Datasheet HTML 7Page - ATMEL Corporation ATR4258 Datasheet HTML 8Page - ATMEL Corporation ATR4258 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Features
• FM Double-conversion System
• Integrated Second IF Filter with Software-controlled Bandwidth
• Completely Integrated FM Demodulator
• Soft Mute and Multipath Noise Cancellation
• Receiving Condition Analyzer
• AM Up/Down-conversion System
• AM Preamplifier with AGC and Stereo Capability
• 3-wire Bus Controlled
• Search Stop Signal Generation (AM and FM)
• Automatic Alignment Possible
• Pin Compatible with ATR4255
• World Tuner, US Weatherboard, J-band
• Lead-free Package
Electrostatic sensitive device.
Observe precautions for handling.
1.
Description
The ATR4258 is a highly integrated AM/FM front-end circuit manufactured using
Atmel’s advanced BICMOS technology. It represents a complete, automatically
adjustable AM/FM front end, containing a double-conversion system for FM and an
up/down-conversion receiver for AM with IF1 = 10.7 MHz and IF2 = 450 kHz. The
front end is suitable for digital or analog AF-signal processing. Together with the PLL
U4256BM, an automatically aligned high-performance AM/FM tuner can be built.
These ICs are dedicated for highly sophisticated car radio applications.
AM/FM
Receiver IC
ATR4258
Rev. 4838B–AUDR–05/05


Similar Part No. - ATR4258

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
AM/FM RECEIVER IC
ATR4258-ILQH ATMEL-ATR4258-ILQH Datasheet
414Kb / 38P
AM/FM RECEIVER IC
ATR4258-ILSH ATMEL-ATR4258-ILSH Datasheet
414Kb / 38P
AM/FM RECEIVER IC
More results

Similar Description - ATR4258

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
AM/FM RECEIVER IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
AM/FM RECEIVER IC
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
AM/FM MONO RECEIVER
logo
ATMEL Corporation
U4255BM-M ATMEL-U4255BM-M Datasheet
287Kb / 32P
AM / FM RECEIVER IC
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
AM/FM Receiver IC
logo
Micro Analog systems
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
AM/FM RADIO RECEIVER
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
AM/FM RADIO RECEIVER
logo
Micro Analog systems
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com