Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 14Page - ATMEL Corporation ATR4258 Datasheet HTML 15Page - ATMEL Corporation ATR4258 Datasheet HTML 16Page - ATMEL Corporation ATR4258 Datasheet HTML 17Page - ATMEL Corporation ATR4258 Datasheet HTML 18Page - ATMEL Corporation ATR4258 Datasheet HTML 19Page - ATMEL Corporation ATR4258 Datasheet HTML 20Page - ATMEL Corporation ATR4258 Datasheet HTML 21Page - ATMEL Corporation ATR4258 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
4838B–AUDR–05/05
ATR4258
4.24
Adjacent Channel Sensor
The adjacent channel sensor is active in FM mode only and measures the field strength outside
the reception band.
Figure 4-6.
Adjacent Channel Sensor
4.25
MPINT and ADJAC Reset
Bit 6 allows a resets of the multipath sensor and the adjacent channel sensor by connecting
pin 10 and pin 40 internally to ground and so the external capacitors can be discharged very
quickly.
4.26
Multipath Sensor
The multipath sensor is active in FM mode only and measures the disturbance due to multipath
reception. The multipath sensor detects drops in the field strength after the integrated band filter
by calculating the difference between an averaged maximum field strength and the current field
strength. The maximum depth of these drops is represented by the voltage of the peak detector
at pin 40 (MULTIP). The level of this voltage represents the degree of disturbance in the
received signal.
Figure 4-7.
Multipath Sensor
+
Pin 10 (ADJAC)
SMeter
30 µA
IF
Pin 9 (Meter)
Table 4-30.
Multipath and Adjacent Channel Reset
MPINT and Adjacent Channel (Pin 10 and Pin 40)
Bit 6
Normal mode
0
Connection to ground
1
4k
+
Pin 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com