Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 29Page - ATMEL Corporation ATR4258 Datasheet HTML 30Page - ATMEL Corporation ATR4258 Datasheet HTML 31Page - ATMEL Corporation ATR4258 Datasheet HTML 32Page - ATMEL Corporation ATR4258 Datasheet HTML 33Page - ATMEL Corporation ATR4258 Datasheet HTML 34Page - ATMEL Corporation ATR4258 Datasheet HTML 35Page - ATMEL Corporation ATR4258 Datasheet HTML 36Page - ATMEL Corporation ATR4258 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
4838B–AUDR–05/05
ATR4258
Figure 10-4. Deviation Sensor
Note:
FM modulation frequency: 1 kHz; BW setting 2nd IF filter = 120 kHz;
demodulator fine tuning (bit 53 = 0)
The center frequency of the integrated band filter has to adjusted
(e.g., IF center frequency = 462.50 kHz).
Figure 10-5. Deviation Sensor Frequency Response
Note:
FM frequency deviation: 22.5 kHz
0
1
2
3
4
5
10000
30000
50000
70000
90000
Frequency Deviation [Hz]
+85°C
-40°C
0.0
0.2
0.4
0.6
0.8
1.0
100
1000
10000
100000
FM Modulation Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com