Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 25Page - ATMEL Corporation ATR4258 Datasheet HTML 26Page - ATMEL Corporation ATR4258 Datasheet HTML 27Page - ATMEL Corporation ATR4258 Datasheet HTML 28Page - ATMEL Corporation ATR4258 Datasheet HTML 29Page - ATMEL Corporation ATR4258 Datasheet HTML 30Page - ATMEL Corporation ATR4258 Datasheet HTML 31Page - ATMEL Corporation ATR4258 Datasheet HTML 32Page - ATMEL Corporation ATR4258 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
4838B–AUDR–05/05
ATR4258
9.
Application Information
9.1
AM Prescaler (Divider) Settings
The AM mixer is used for up conversion of the AM reception frequency to the IF frequency.
Therefore an AM prescaler is implemented to generate the necessary LO from the VCO fre-
quency. For the reception of the AM band different prescaler (divider) settings are possible.
Table 9-1 gives an example for the AM prescaler (divider) settings and the reception
frequencies.
e.g.,
f
VCO = 98.2 MHz ... 124 MHz
f
IF = 10.7 MHz
Note:
Prescaler VCO Divider = 1 in this example.
Table 9-1.
AM Prescaler (Divider) Settings and Reception Frequencies
Divider (AM Prescaler)
Minimum Reception Frequency
[MHz]
Maximum Reception Frequency
[MHz]
divide by 2
38.4
51.3
divide by 3
20.033
30.633
divide by 4
13.85
20.3
divide by 5
8.94
14.1
divide by 6
5.667
9.967
divide by 7
3.329
7.014
divide by 8
1.575
4.8
divide by 9
0.211
3.078
divide by 10
0
1.7
f
rec
f
VCO
AM Prescaler
------------------------------------
⎝⎠
⎛⎞ f
IF
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com