Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 28Page - ATMEL Corporation ATR4258 Datasheet HTML 29Page - ATMEL Corporation ATR4258 Datasheet HTML 30Page - ATMEL Corporation ATR4258 Datasheet HTML 31Page - ATMEL Corporation ATR4258 Datasheet HTML 32Page - ATMEL Corporation ATR4258 Datasheet HTML 33Page - ATMEL Corporation ATR4258 Datasheet HTML 34Page - ATMEL Corporation ATR4258 Datasheet HTML 35Page - ATMEL Corporation ATR4258 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32
4838B–AUDR–05/05
ATR4258
Figure 10-2. Multipath Sensor
Note:
AM modulation frequency 20 kHz; generator level 40 dBµV
Figure 10-3. Multipath Sensor Frequency Response
Note:
Generator level 40 dBµV
0
1
2
3
4
5
0
10
2030
40
5060
70
80
90
100
AM Modulation Depth [%]
+85°C
-40°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100
1000
10000
100000
AM Modulation Frequency [Hz]
90% at -40°C
90% at 25°C
60% at 85°C
60% at -40°C
60% at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com