Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 19Page - ATMEL Corporation ATR4258 Datasheet HTML 20Page - ATMEL Corporation ATR4258 Datasheet HTML 21Page - ATMEL Corporation ATR4258 Datasheet HTML 22Page - ATMEL Corporation ATR4258 Datasheet HTML 23Page - ATMEL Corporation ATR4258 Datasheet HTML 24Page - ATMEL Corporation ATR4258 Datasheet HTML 25Page - ATMEL Corporation ATR4258 Datasheet HTML 26Page - ATMEL Corporation ATR4258 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
4838B–AUDR–05/05
ATR4258
5.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All voltages are referred to GND (pin 25)
Parameters
Symbol
Value
Unit
Supply voltage, pin 42
VS
10
V
Power dissipation
Ptot
1000
mW
Junction temperature
Tj
150
°C
Ambient temperature range
Tamb
–40 to +85
°C
Storage temperature range
Tstg
–50 to +150
°C
6.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient, soldered to PCB
R
thJA
60
K/W
7.
Operating Range
All voltages are referred to GND (pin 25)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range, pin 42
V
S
8.0
8.5
10
V
Ambient temperature
T
amb
–40
+85
°C
8.
Electrical Characteristics
Test conditions (unless otherwise specified): VS = 8.5V, Tamb = 25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1Power Supply
1.1
Supply voltage
42
VS
8.0
8.5
10
V
C
1.2
Supply current
Standby mode
(bit 92 = 0, bit 93 = 0)
42
IStby
35
45
mA
A
1.3
Supply current
Other operation modes
42
I
S
50
65
mA
A
2
VCO (Bit 52 = 0, Bit 30 = 1)
2.1
Frequency range
f
VCO
70
260
MHz
D
2.2
DC bias voltage
13
3.4
3.7
4.0
V
A
2.3
Buffer output voltage
f
osc = 120 MHz
16
250
mVrms
C
2.4
Buffer output resistance
16
70
Ω
D
2.5
Buffer output DC
voltage
16
3.8
4.1
4.4
V
A
3FM RF-AGC
3.1
Saturation voltage
No input signal
58.3
V
A
3.2
Saturation voltage
No input signal
5VS – 0.2
V
B
3.3
Threshold level
In-band signal
30
115
dBµV
C
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com