Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 10Page - ATMEL Corporation ATR4258 Datasheet HTML 11Page - ATMEL Corporation ATR4258 Datasheet HTML 12Page - ATMEL Corporation ATR4258 Datasheet HTML 13Page - ATMEL Corporation ATR4258 Datasheet HTML 14Page - ATMEL Corporation ATR4258 Datasheet HTML 15Page - ATMEL Corporation ATR4258 Datasheet HTML 16Page - ATMEL Corporation ATR4258 Datasheet HTML 17Page - ATMEL Corporation ATR4258 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
4838B–AUDR–05/05
ATR4258
The center frequency of the FM demodulator can be adjusted by means of bit 56 to 59. At the
center frequency, the DC voltage at the MPX output pin 11 is equal to the MPX offset voltage
that can be measured at pin 11 while MPX mute is active (bit 7 = 1). This adjustment will affect
the center frequency of all integrated filters as mentioned before.
4.17
Soft Mute
The soft mute functionality is implemented to reduce the output level of the FM demodulator at
low input signal levels to limit the noise at the MPX output in this case. If the input level falls
below an adjustable threshold continuously, the output of the FM demodulator is continuously
muted with decreasing input level until a maximum mute value is reached. The threshold for the
start of soft mute and the maximum mute can be adjusted. The signal level for 3 dB mute can be
set by means of bit 68 to bit 70 and the maximum value for soft mute can be selected by bit 67.
The steepness and the time constant of the soft mute can be adjusted by the resistor and capac-
itor between pin 34 and pin 29.
The field strength signal available at pin 9 is used for soft mute. Therefore, the soft mute thresh-
old that referred to the input of the FM mixer depends on the gain from the FM mixer input to the
field strength sensor and on the setting of field strength offset (bit 15 to bit 21).
Table 4-19.
Demodulator Gain in Weather Band Mode
Demodulator Gain in Weather Band Mode Relative to FM Mode
Bit 72
Bit 71
14 dB
0
0
17 dB
0
1
21 dB
1
0
23 dB
1
1
Table 4-20.
Demodulator Fine Adjustment
Demodulator Fine Adjustment
Bit 53
Fine tuning ON
0
Fine tuning OFF
1
Table 4-21.
Soft Mute Threshold
Relative Soft Mute Threshold
Bit 70
Bit 69
Bit 68
Soft mute OFF
0
0
0
–18 dB
0
0
1
–15 dB
0
1
0
–12 dB
0
1
1
–9 dB
1
0
0
–6 dB
1
0
1
–3 dB
1
1
0
0 dB
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com