Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 23Page - ATMEL Corporation ATR4258 Datasheet HTML 24Page - ATMEL Corporation ATR4258 Datasheet HTML 25Page - ATMEL Corporation ATR4258 Datasheet HTML 26Page - ATMEL Corporation ATR4258 Datasheet HTML 27Page - ATMEL Corporation ATR4258 Datasheet HTML 28Page - ATMEL Corporation ATR4258 Datasheet HTML 29Page - ATMEL Corporation ATR4258 Datasheet HTML 30Page - ATMEL Corporation ATR4258 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
27
4838B–AUDR–05/05
ATR4258
15
Search Stop Detector, INT Output
15.1
LOW saturation voltage
21
0
0.5
V
A
15.2
LOW output resistance
21
0.3
k
Ω
D
15.3
HIGH saturation voltage
21
4.5
4.8
5.25
V
A
15.4
HIGH output resistance
21
1
k
Ω
D
16
Deviation Sensor, FM Mode (Bit 92 = 1, Bit 93 = 0)
16.1
Offset voltage
FM dev. = ±0 kHz
FM demodulator
adjusted
31
0.2
V
C
16.2
Output voltage
FM dev. = ±75 kHz,
fmod = 1 kHz
31
1.7
2.0
2.5
V
C
17
Field Strength Sensor, FM Mode (Bit 92 = 1, Bit 93 = 0, Bit 89 to 91 = 0, Bit 80 = 0, Bit 18 to 21 = 0)
17.1
Output voltage
60 dBµV at pin 33
9
0.8
1.3
1.8
V
A
17.2
Output voltage
Unmodulated signal
100 dBµV at pin 33
92.8
3.4
3.9
V
A
Field Strength Sensor, AM Mode (Bit 92 = 0, Bit 93 = 1, Bit 80 = 1, Bit 18 to 21 = 0)
17.3
Output voltage LOW
field strength
60 dBµV at pin 28
9
1.5
1.8
2.1
V
A
17.4
Output voltage HIGH
field strength
94 dBµV at pin 28
9
3.0
3.3
3.6
V
A
18
Multipath Sensor, FM Mode (Bit 92 = 1, Bit 93 = 0)
18.1
Offset voltage
Unmodulated signal,
60 dBµV at pin 1
40
0
200
mV
A
18.2
Output voltage
AM modulation depth =
60%,
fmod = 20 kHz, 60 dBµV
at pin 1
40
1.5
1.9
2.4
V
A
19
Adjacent Channel Sensor, FM Mode (Bit 92 = 1, Bit 93 = 0), Bit 4 = 0 (Default BW Setting)
19.1
Offset voltage
Unmodulated signal
10
200
mV
C
19.2
19.3
Output voltage
AM mod. 10%
fmod = 100 kHz
AM mod. 60%
f
mod = 100 kHz
10
1.2
0.3
1.9
0.6
2.5
VA
20
3-wire Bus
20.1
Input voltage LOW
17, 18,
19
0.8
V
D
20.2
Input voltage HIGH
17, 18,
19
2.7
V
D
20.3
Leakage current
V = 0V, 5V
17, 18,
19
10
µA
D
20.4
Clock frequency
18
1.0
MHz
D
20.5
Period of CLK
HIGH
LOW
tH
t
L
250
250
ns
ns
D
8.
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VS = 8.5V, Tamb = 25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com