Electronic Components Datasheet Search
  English  ▼

X  

ATR4258 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATR4258
Description  AM/FM Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4258 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATR4258 Datasheet HTML 26Page - ATMEL Corporation ATR4258 Datasheet HTML 27Page - ATMEL Corporation ATR4258 Datasheet HTML 28Page - ATMEL Corporation ATR4258 Datasheet HTML 29Page - ATMEL Corporation ATR4258 Datasheet HTML 30Page - ATMEL Corporation ATR4258 Datasheet HTML 31Page - ATMEL Corporation ATR4258 Datasheet HTML 32Page - ATMEL Corporation ATR4258 Datasheet HTML 33Page - ATMEL Corporation ATR4258 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
4838B–AUDR–05/05
ATR4258
9.2
Local Oscillator and AM Prescaler Settings
Table 9-2 gives an example for the VCO prescaler divider and AM prescaler divider settings and
the reception frequencies.
e.g.,
f
VCO = 195.9 MHz ... 237.9 MHz
f
IF = +10.7 MHz or –10.7 MHz
f
VCO = (frec + fIF) × VCO Prescaler × AM Prescaler
9.3
U4256 N- and R-divider Calculation
9.3.1
AM Mode
9.3.2
FM/WB Mode
Table 9-2.
VCO and AM Prescaler (Divider) Settings and Reception Frequencies
Band
Prescaler
VCO
IF [MHz]
Minimum Reception
Frequency [MHz]
Maximum Reception
Frequency [MHz]
Minimum VCO
Frequency
Maximum VCO
Frequency
AM
Prescaler
FM
2
+10.7
87.5
108
196.4
237.4
–
WB
1.5
–10.7
162.4
162.55
227.55
227.775
–
JPN
3
–10.7
76
90
195.9
237.9
–
LW/MW
2
+10.7
0.15
1.605
195.3
221.49
9
16m
1
+10.7
17.5
17.9
225.6
228.8
8
120m
2
+10.7
2.3
2.5
208
211.2
8
N
f
VCO
VCO-divider
AM Prescaler
f
step
×
×
----------------------------------------------------------------------------------------------
=
f
rec
f
VCO
VCO-divider
AM Prescaler
×
----------------------------------------------------------------------------
⎝⎠
⎛⎞ f
IF
–
=
N
f
VCO
VCO-divider
f
step
×
--------------------------------------------------
=
f
rec
f
VCO
VCO-divider
--------------------------------
⎝⎠
⎛⎞ f
IF
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com