Electronic Components Datasheet Search
  English  ▼

X  

AT86RF231 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT86RF231 Datasheet HTML 1Page - ATMEL Corporation AT86RF231 Datasheet HTML 2Page - ATMEL Corporation AT86RF231 Datasheet HTML 3Page - ATMEL Corporation AT86RF231 Datasheet HTML 4Page - ATMEL Corporation AT86RF231 Datasheet HTML 5Page - ATMEL Corporation AT86RF231 Datasheet HTML 6Page - ATMEL Corporation AT86RF231 Datasheet HTML 7Page - ATMEL Corporation AT86RF231 Datasheet HTML 8Page - ATMEL Corporation AT86RF231 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 180 page
background image
Features
• High Performance RF-CMOS 2.4 GHz Radio Transceiver Targeted for IEEE 802.15.4™,
ZigBee
™ and ISM Applications
• Industry Leading Link Budget (104 dB)
– Receiver Sensitivity -101 dBm
– Programmable Output Power from -17 dBm up to +3 dBm
• Ultra-Low Current Consumption:
• Ultra-Low Supply Voltage (1.8V to 3.6V) with Internal Regulator
• Optimized for Low BoM Cost and Ease of Production:
– Few External Components Necessary (Crystal, Capacitors and Antenna)
– Excellent ESD Robustness
• Easy to Use Interface:
– Registers, Frame Buffer and AES Accessible through Fast SPI
– Only Two Microcontroller GPIO Lines Necessary
– One Interrupt Pin from Radio Transceiver
– Clock Output with Prescaler from Radio Transceiver
• Radio Transceiver Features:
– 128-byte FIFO (SRAM) for Data Buffering
– Programmable Clock Output, to Clock the Host Microcontroller or as Timer
Reference
– Integrated RX/TX Switch
– Fully Integrated, Fast Settling PLL to support Frequency Hopping
– Battery Monitor
– Fast Wake-Up Time < 0.25 msec
• Special IEEE 802.15.4-2006 Hardware Support:
– FCS Computation and Clear Channel Assessment
– RSSI Measurement, Energy Detection and Link Quality Indication
• MAC Hardware Accelerator:
– Automated Acknowledgement, CSMA-CA and Retransmission
– Automatic Address Filtering
– Automated FCS Check
• Extended Feature Set Hardware Support:
– AES 128bit Hardware Accelerator
– RX/TX Indication (external RF Front-End Control)
– RX Antenna Diversity
– Supported PSDU data rates: 250 kb/s, 500 kb/s, 1 Mb/s and 2 Mb/s
– True Random Number Generation for Security Application
• Industrial Temperature Range:
– -40° C to +85° C
• I/O and Packages:
– 32-pin Low-Profile QFN Package 5 x 5 x 0.9 mm³
– RoHS/Fully Green
• Compliant to IEEE 802.15.4-2006 and IEEE 802.15.4-2003
• Compliant to EN 300 328/440, FCC-CFR-47 Part 15, ARIB STD-66, RSS-210
– SLEEP
=
0.02 µA
– TRX_OFF
=
0.4 mA
– RX_ON
=
13.2 mA
– BUSY_TX
=
14.3 mA (at max. Transmit Power of +3 dBm)
Low power
2.4 GHz
Transceiver for
ZigBee,
IEEE 802.15.4,
and ISM
Applications
AT86RF231
Preliminary
8111A–AVR–05/08


Similar Part No. - AT86RF231

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF231-ZF ATMEL-AT86RF231-ZF Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
AT86RF231-ZU ATMEL-AT86RF231-ZU Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
More results

Similar Description - AT86RF231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230_07 Datasheet
967Kb / 98P
Low Power 2.4 GHz Radio Transceiver for ZigBee??and IEEE 802.15.4??Applications
AT86RF230 ATMEL-AT86RF230_09 Datasheet
1Mb / 98P
Low Power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, 6LoWPAN, RF4CE and ISM
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420 TI-CC2420 Datasheet
1Mb / 92P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
ATMEL Corporation
AT86RF233 ATMEL-AT86RF233 Datasheet
5Mb / 196P
Low Power, 2.4GHz Transceiver for ZigBee, RF4CE, IEEE 802.15.4, 6LoWPAN, and ISM Applications
logo
Texas Instruments
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com