Electronic Components Datasheet Search
  English  ▼

X  

AT86RF231 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT86RF231 Datasheet HTML 21Page - ATMEL Corporation AT86RF231 Datasheet HTML 22Page - ATMEL Corporation AT86RF231 Datasheet HTML 23Page - ATMEL Corporation AT86RF231 Datasheet HTML 24Page - ATMEL Corporation AT86RF231 Datasheet HTML 25Page - ATMEL Corporation AT86RF231 Datasheet HTML 26Page - ATMEL Corporation AT86RF231 Datasheet HTML 27Page - ATMEL Corporation AT86RF231 Datasheet HTML 28Page - ATMEL Corporation AT86RF231 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 180 page
background image
25
8111A–AVR–05/08
AT86RF231
6.4
Radio Transceiver Identification
The AT86RF231 can be identified by four registers. One register contains a unique part number
and one register the corresponding version number. Two additional registers contain the JEDEC
manufacture ID.
6.4.1
Register Description - AT86RF231 Identification
Register 0x1C (PART_NUM):
• Bit [7:0] - PART_NUM
This register contains the radio transceiver part number.
Register 0x1D (VERSION_NUM):
• Bit [7:0] - VERSION_NUM
This register contains the radio transceiver version number.
Register 0x1E (MAN_ID_0):
• Bit [7:0] - MAN_ID_0
Bits [7:0] of the 32-bit JEDEC manufacturer ID are stored in register bits MAN_ID_0. Bits [15:8]
are stored in register 0x1F (MAN_ID_1). The highest 16 bits of the ID are not stored in registers.
Bit
76543210
+0x1C
PART_NUM[7:0]
PART_NUM
Read/Write
RRRRRRRR
Reset Value
00000011
Table 6-4.
Radio Transceiver Part Number
Register Bit
Value
Description
PART_NUM
3
AT86RF231 part number
Bit
76543
210
+0x1D
VERSION_NUM[7:0]
VERSION_NUM
Read/Write
RRRRRRR
R
Reset Value
00000
010
Table 6-5.
Radio Transceiver Version Number
Register Bit
Value
Description
VERSION_NUM
2
Revision A
Bit
76543
210
+0x1E
MAN_ID_0[7:0]
MAN_ID_O
Read/Write
RRRRRRR
R
Reset Value
00011
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com