Electronic Components Datasheet Search
  English  ▼

X  

AT86RF231 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT86RF231 Datasheet HTML 1Page - ATMEL Corporation AT86RF231 Datasheet HTML 2Page - ATMEL Corporation AT86RF231 Datasheet HTML 3Page - ATMEL Corporation AT86RF231 Datasheet HTML 4Page - ATMEL Corporation AT86RF231 Datasheet HTML 5Page - ATMEL Corporation AT86RF231 Datasheet HTML 6Page - ATMEL Corporation AT86RF231 Datasheet HTML 7Page - ATMEL Corporation AT86RF231 Datasheet HTML 8Page - ATMEL Corporation AT86RF231 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 180 page
background image
5
8111A–AVR–05/08
AT86RF231
1.2
Analog and RF Pins
1.2.1
Supply and Ground Pins
EVDD, DEVDD
EVDD and DEVDD are analog and digital supply voltage pins of the AT86RF231 radio
transceiver.
AVDD, DVDD
AVDD and DVDD are outputs of the internal 1.8V voltage regulators. The voltage regulators are
controlled independently by the radio transceivers state machine and are activated dependent
on the current radio transceiver state. The voltage regulators can be configured for external
supply.
For details, refer to Section 9.4 “Voltage Regulators (AVREG, DVREG)” on page 110.
AVSS, DVSS
AVSS and DVSS are analog and digital ground pins respectively. The analog and digital power
domains should be separated on the PCB.
1.2.2
RF Pins
RFN, RFP
A differential RF port (RFP/RFN) provides common-mode rejection to suppress the switching
noise of the internal digital signal processing blocks. At board-level, the differential RF layout
ensures high receiver sensitivity by rejecting any spurious emissions originated from other digital
ICs such as a microcontroller.
The RF port is designed for a 100
Ω differential load. A DC path between the RF pins is allowed.
A DC path to ground or supply voltage is not allowed. Therefore, when connecting an RF-load
providing a DC path to the power supply or ground, AC-coupling is required as indicated in Table
1-2 on page 6.
A simplified schematic of the RF front end is shown in Figure 1-2 on page 5.
Figure 1-2.
Simplified RF Front-end Schematic
LNA
PA
RFP
RFN
RXTX
0.9V
TX
RX
CM
Feedback
M0
AT86RF231
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com