Electronic Components Datasheet Search
  English  ▼

X  

AT86RF231 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT86RF231 Datasheet HTML 37Page - ATMEL Corporation AT86RF231 Datasheet HTML 38Page - ATMEL Corporation AT86RF231 Datasheet HTML 39Page - ATMEL Corporation AT86RF231 Datasheet HTML 40Page - ATMEL Corporation AT86RF231 Datasheet HTML 41Page - ATMEL Corporation AT86RF231 Datasheet HTML 42Page - ATMEL Corporation AT86RF231 Datasheet HTML 43Page - ATMEL Corporation AT86RF231 Datasheet HTML 44Page - ATMEL Corporation AT86RF231 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 180 page
background image
41
8111A–AVR–05/08
AT86RF231
7.1.4.4
BUSY_TX and RX_ON States
The transition from PLL_ON to BUSY_TX state and subsequent to RX_ON state is shown in
Figure 7-6 on page 41.
Figure 7-6.
PLL_ON to BUSY_TX to RX_ON Timing
Starting from PLL_ON state it is further assumed that the PLL is already locked. A transmission
is initiated either by a rising edge of pin 11 (SLP_TR) or by command TX_START. The PLL set-
tles to the transmit frequency and the PA is enabled.
t
TR10 = 16 µs after initiating the transmission the AT86RF231 changes into BUSY_TX state and
the internally generated SHR is transmitted. After that the PSDU data are transmitted from the
Frame Buffer.
After completing the frame transmission, indicated by IRQ_3 (TRX_END), the PLL settles back
to the receive frequency within t
TR11 = 32 µs in state PLL_ON.
If during TX_BUSY the radio transmitter is programmed to change to a receive state it automati-
cally proceeds the state change to RX_ON state after finishing the transmission.
7.1.4.5
Reset Procedure
The radio transceiver reset procedure is shown in Figure 7-7 on page 41.
Figure 7-7.
Reset Procedure
Note:
Timing figure t
TR13 refers to Table 7-1 on page 42, t10, t11 refers to Section 12.4 “Digital Interface
Timing Characteristics” on page 157.
Time [µs]
0x
16
x + 32
Time
tTR11
tTR10
Command
RX_ON
State
Block
PLL_ON
RX_ON
BUSY_TX
Pin
SLP_TR
PA
PLL
PA, TX
RX
PLL
or command TX_START
x
Event
State
Block
Time [µs]
Pin /RST
TRX_OFF
x + 40
[IRQ_4 (AWAKE_END)]
0
various
Time
>t10
tTR13
>t11
XOSC, DVREG
XOSC, DVREG
x + 10
FTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com