Electronic Components Datasheet Search
  English  ▼

X  

AT86RF231 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT86RF231
Description  Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF231 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT86RF231 Datasheet HTML 1Page - ATMEL Corporation AT86RF231 Datasheet HTML 2Page - ATMEL Corporation AT86RF231 Datasheet HTML 3Page - ATMEL Corporation AT86RF231 Datasheet HTML 4Page - ATMEL Corporation AT86RF231 Datasheet HTML 5Page - ATMEL Corporation AT86RF231 Datasheet HTML 6Page - ATMEL Corporation AT86RF231 Datasheet HTML 7Page - ATMEL Corporation AT86RF231 Datasheet HTML 8Page - ATMEL Corporation AT86RF231 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 180 page
background image
3
8111A–AVR–05/08
AT86RF231
1.1
Pin Descriptions
Table 1-1.
Pin Description AT86RF231
Pins
Name
Type
Description
1
DIG3
Digital output (Ground)
1. RX/TX Indicator, see Section 11.5
2.
If disabled, pull-down enabled (AVSS)
2
DIG4
Digital output (Ground)
1. RX/TX indicator (DIG3 inverted), see Section 11.5
2. If disabled, pull-down enabled (AVSS)
3
AVSS
Ground
Ground for RF signals
4
RFP
RF I/O
Differential RF signal
5
RFN
RF I/O
Differential RF signal
6
AVSS
Ground
Ground for RF signals
7
DVSS
Ground
Digital ground
8
/RST
Digital input
Chip reset; active low
9
DIG1
Digital output (Ground)
1. Antenna Diversity RF switch control, see Section 11.4
2. If disabled, pull-down enabled (DVSS)
10
DIG2
Digital output (Ground)
1. Antenna Diversity RF switch control (DIG1 inverted), see Section 11.4
2. Signal IRQ_2 (RX_START) for RX Frame Time Stamping, see Section 11.6
3. If functions disabled, pull-down enabled (DVSS)
11
SLP_TR
Digital input
Controls sleep, transmit start, receive states; active high, see Section 6.5
12
DVSS
Ground
Digital ground
13
DVDD
Supply
Regulated 1.8V voltage regulator; digital domain, see Section 9.4
14
DVDD
Supply
Regulated 1.8V voltage regulator; digital domain, see Section 9.4
15
DEVDD
Supply
External supply voltage; digital domain
16
DVSS
Ground
Digital ground
17
CLKM
Digital output
Master clock signal output; low if disabled, see Section 9.6
18
DVSS
Ground
Digital ground
19
SCLK
Digital input
SPI clock
20
MISO
Digital output
SPI data output (Master Input Slave Output)
21
DVSS
Ground
Digital ground
22
MOSI
Digital input
SPI data input (Master Output Slave Input)
23
/SEL
Digital input
SPI select, active low
24
IRQ
Digital output
1. Interrupt request signal; active high or active low; configurable
2. Frame Buffer Empty Indicator; active high, see Section 11.7
25
XTAL2
Analog input
Crystal pin, see Section 9.6
26
XTAL1
Analog input
Crystal pin or external clock supply, see Section 9.6
27
AVSS
Ground
Analog ground
28
EVDD
Supply
External supply voltage, analog domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com